Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD622 Datasheet(PDF) 7 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD622 Datasheet HTML 3Page - Analog Devices AD622 Datasheet HTML 4Page - Analog Devices AD622 Datasheet HTML 5Page - Analog Devices AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices AD622 Datasheet HTML 10Page - Analog Devices AD622 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD622
Rev. D | Page 7 of 16
0.1
180
140
160
120
100
80
60
40
20
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
Figure 8. Positive PSR vs. Frequency, RTI (G = 1 to 1000)
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
180
140
160
120
100
80
60
40
20
Figure 9. Negative PSR vs. Frequency, RTI (G = 1 to 1000)
100
10M
1M
100k
10k
0.1
1
10
100
1000
1k
FREQUENCY (Hz)
Figure 10. Gain vs. Frequency
10
10k
1k
100
0
10
30
20
LOAD RESISTANCE (Ω)
VS = ±15V
G = 10
Figure 11. Output Voltage Swing vs. Load Resistance
02
10
15
5
0
20
15
5
10
OUTPUT STEP SIZE (V)
0
TO 0.1%
Figure 12. Settling Time vs. Step Size (G = 1)
11
100
10
1
10
1000
100
GAIN
000
Figure 13. Settling Time to 0.1% vs. Gain, for a 10 V Step


Similar Part No. - AD622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
logo
List of Unclassifed Man...
AD622-00 ETC2-AD622-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD622AN AD-AD622AN Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622AR AD-AD622AR Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622AR-REEL AD-AD622AR-REEL Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
More results

Similar Description - AD622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com