Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD622ANZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD622ANZ
Description  Low Cost Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622ANZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD622ANZ Datasheet HTML 7Page - Analog Devices AD622ANZ Datasheet HTML 8Page - Analog Devices AD622ANZ Datasheet HTML 9Page - Analog Devices AD622ANZ Datasheet HTML 10Page - Analog Devices AD622ANZ Datasheet HTML 11Page - Analog Devices AD622ANZ Datasheet HTML 12Page - Analog Devices AD622ANZ Datasheet HTML 13Page - Analog Devices AD622ANZ Datasheet HTML 14Page - Analog Devices AD622ANZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD622
Rev. D | Page 11 of 16
GAIN SELECTION
The AD622 gain is resistor programmed by RG or, more
precisely, by whatever impedance appears between Pin 1 and
Pin 8. The AD622 is designed to offer gains as close as possible
to popular integer values using standard 1% resistors. Table 5
shows required values of RG for various gains. Note that for
G = 1, the RG pins are unconnected (RG = ∞). For any arbitrary
gain, RG can be calculated by using the formula
1
k
5
.
50
Ω
=
G
R
G
To minimize gain error, avoid high parasitic resistance in series
with RG. To minimize gain drift, RG should have a low temperature
coefficient less than 10 ppm/°C for the best performance.
Table 5. Required Values of Gain Resistors
Desired
Gain
1% Std Table Value of RG, Ω
Calculated
Gain
2
51.1 k
1.988
5
12.7 k
4.976
10
5.62 k
9.986
20
2.67 k
19.91
33
1.58 k
32.96
40
1.3 k
39.85
50
1.02 k
50.50
65
787
65.17
100
511
99.83
200
255
199.0
500
102
496.1
1000
51.1
989.3
INPUT AND OUTPUT OFFSET VOLTAGE
The low errors of the AD622 are attributable to two sources:
input and output errors. The output error is divided by G when
referred to the input. In practice, the input errors dominate at
high gains and the output errors dominate at low gains. The
total VOS for a given gain is calculated as follows:
Total Error RTI = input error + (output error/G)
Total Error RTO = (input error × G) + output error
REFERENCE TERMINAL
The reference terminal potential defines the zero output voltage
and is especially useful when the load does not share a precise
ground with the rest of the system. The reference terminal provides
a direct means of injecting a precise offset to the output, with an
allowable range of 2 V within the supply voltages. Parasitic
resistance should be kept to a minimum for optimum CMR.
INPUT PROTECTION
The AD622 features 400 Ω of series thin film resistance at its
inputs and safely withstands input overloads of up to ±15 V or
±60 mA for up to an hour at room temperature. This is true for
all gains and power on and off, which is particularly important
because the signal source and amplifier can be powered
separately. For longer time periods, the input current should not
exceed 6 mA. For input overloads beyond the supplies, clamping
the inputs to the supplies (using a diode such as a BAV199)
reduces the required resistance, yielding lower noise.
Large Input Voltages at Large Gains
When operating at high gain, large differential input voltages
may cause more than 6 mA of current to flow into the inputs.
This condition occurs when the maximum differential voltage
exceeds the following critical voltage:
VCRITICAL = (400 + RG) × (6 mA)
This is true for differential voltages of either polarity.
The maximum allowed differential voltage can be increased by
adding an input protection resistor in series with each input.
The value of each protection resistor should be as follows:
RPROTECT = (VDIFF_MAX − VCRITICAL)/6 mA
RF INTERFERENCE
RF rectification is often a problem when amplifiers are used in
applications where there are strong RF signals. The disturbance
may appear as a small dc offset voltage. High frequency signals
can be filtered with a low-pass, RC network placed at the input
of the instrumentation amplifier, as shown in Figure 18. In
addition, this RC input network also provides additional input
overload protection (see the Input Protection section).
RG
REF
VOUT
+IN
–IN
AD622
+
0.1µF
10µF
+
0.1µF
10µF
+VS
–VS
CC
1nF
CD
47nF
CC
1nF
R
4.02kΩ
R
4.02kΩ
Figure 18. RFI Suppression Circuit for AD622 Series In-Amps
The filter limits the input signal bandwidth to the following
cutoff frequencies:
)
(2
2
1
C
D
DIFF
C
C
R
FilterFreq
+
π
=
C
CM
RC
FilterFreq
π
=
2
1
where CD ≥ 10CC.


Similar Part No. - AD622ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622AN AD-AD622AN Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
More results

Similar Description - AD622ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com