Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJP5N60 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJP5N60
Description  600V N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP5N60 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJP5N60 Datasheet HTML 1Page - Pan Jit International Inc. PJP5N60 Datasheet HTML 2Page - Pan Jit International Inc. PJP5N60 Datasheet HTML 3Page - Pan Jit International Inc. PJP5N60 Datasheet HTML 4Page - Pan Jit International Inc. PJP5N60 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 31,2010-REV.00
PJP5N60 / PJF5N60
FEATURES
• 5A , 600V, R
DS(ON)=2.1
@V
GS=10V, ID=2.5A
• Low ON Resistance
• Fast Switching
• Low Gate Charge
• Fully Characterized Avalanche Voltage and Current
• Specially Desigened for AC Adapter, Battery Charge and SMPS
• In compliance with EU RoHs 2002/95/EC Directives
MECHANICAL DATA
• Case: TO-220AB / ITO-220AB Molded Plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
ORDERING INFORMATION
600V N-Channel Enhancement Mode MOSFET
Maximum RATINGS and Thermal Characteristics (T
A=25
OC unless otherwise noted )
Note: 1. Maximum DC current limited by the package
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Gate
Drain
Source
TO-220AB / ITO-220AB
TO-220AB
ITO-220AB
INTERNAL SCHEMATIC DIAGRAM
1
2
3
G
D
S
1
2
3
G
D
S
TYPE
MARKING
PACKAGE
PACKING
PJP5N60
P5N60
TO-220AB
50PCS/TUBE
PJF5N60
F5N60
ITO-220AB
50PCS/TUBE
PA RA ME TE R
S ymb o l
P J P 5 N6 0
P J F 5 N6 0
Uni ts
D r a i n- S o ur c e Vo lta g e
V
D S
6 0 0
V
Ga te - S o ur c e Vo lta g e
V
GS
+3 0
V
C o nti nuo us D ra i n C ur re nt
I
D
5
5
A
P uls e d D r a i n C urr e nt 1)
I
D M
2 0
2 0
A
Ma xi mum P o we r D i s s i p a ti o n
D e ra ti ng F a c to r
T
A = 2 5
OC
P
D
8 9
0 .7 1
4 4 .6
0 .3 6
W
Op e ra ti ng J unc t i o n a nd S to ra g e Te mp e r a ture Ra ng e
T
J , T S TG
-5 5 to +1 5 0
OC
Avalanche Energy with Single Pulse
I
AS=5A, VDD=50V, L=28mH
E
A S
3 5 0
mJ
Junction-to-Case Thermal Resistance
R
θ
J C
1 .4 0
2 .8 0
OC /W
Junction-to Ambient Thermal Resistance
R
θ
J A
6 2 .5
1 0 0
OC /W


Similar Part No. - PJP5N60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP5NA50 PANJIT-PJP5NA50 Datasheet
404Kb / 8P
   500V N-Channel MOSFET
PJP5NA80 PANJIT-PJP5NA80 Datasheet
460Kb / 8P
   800V N-Channel MOSFET
More results

Similar Description - PJP5N60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN127KN3 CYSTEKEC-MTN127KN3 Datasheet
429Kb / 9P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com