Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJF8N60 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJF8N60
Description  600V N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF8N60 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJF8N60 Datasheet HTML 1Page - Pan Jit International Inc. PJF8N60 Datasheet HTML 2Page - Pan Jit International Inc. PJF8N60 Datasheet HTML 3Page - Pan Jit International Inc. PJF8N60 Datasheet HTML 4Page - Pan Jit International Inc. PJF8N60 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
PJP8N60 / PJF8N60
ELECTRICAL CHARACTERISTICS ( T
A=25
OC unless otherwise noted )
NOTE: Plus Test : Pluse Width < 300us, Duty Cycle < 2%.
P a ra m e te r
S ymb o l
Te s t C o nd i ti o n
M i n.
Typ .
Ma x.
Uni ts
S ta ti c
D r a i n- S o urc e B re a k d o wn Vo lta g e
B V
D S S
V
GS = 0 V , I D = 2 5 0 u A
6 0 0
-
-
V
Ga te Thre s ho ld Vo lta g e
V
GS (th)
V
D S = V GS , I D = 2 5 0 u A
2 .0
-
4 .0
V
D ra i n-S o urc e On-S ta te
Re s i s ta nc e
R
D S ( o n)
V
GS= 10V, I D= 4.0A
-
1.0
1.2
Ze ro Ga te Vo lta g e D ra i n
C urre nt
I
D S S
V
DS=600V, VGS=0V
-
-
10
uA
Gate Body Leakage
I
GS S
V
GS = + 3 0 V , V D S = 0 V
-
-
+1 0 0
Dynamic
To ta l Ga te C ha rg e
Q
g
V
D S = 4 8 0 V , ID = 8 A
V
GS = 1 0 V
-
2 2 .8
-
nC
Ga te -S o urc e C ha rg e
Q
g s
-
5 .6
-
Ga te -D ra i n C ha rg e
Q
g d
-
7.6
-
Turn-On D e la y Ti me
t
d (o n)
V
DD=300V,I D =8A
V
GS=10V, RG=25
-
13.2
18
ns
Turn-On Ri s e Ti m e
t
r
-
18.4
32
Turn-Off D e la y Ti me
t
d (o ff)
-
4 6 .8
6 5
Turn-Off F a ll Ti m e
t
f
-
2 0 .8
3 0
Inp ut C a p a c i ta nc e
C
i ss
V
D S = 2 5 V , V GS = 0 V
f=1 .0 MH
Z
-
11 6 5
1 4 8 0
p F
Outp ut C a p a c i ta nc e
C
o ss
-
108
160
Re ve rs e Tra ns fe r
C a p a c i ta nc e
C
rs s
-
10
18
S o urc e - D ra i n D i o d e
Ma x. D i o d e F o rwa rd C urre nt
I
S
-
-
-
8 .0
A
Ma x.P uls e d S o urc e C urre nt
I
S M
-
-
-
3 2
A
D i o d e F o rwa rd Vo lta g e
V
S D
I
S = 8 A , V GS = 0 V
-
-
1 .4
V
Re ve rs e Re c o ve ry Ti m e
t
r r
V
GS = 0 V , IF = 8 A
d i /d t=1 0 0 A /us
-
3 5 0
-
ns
Re ve rs e Re c o ve ry C ha rg e
Q
rr
-
3 .2
-
uC
May 10,2010-REV.01


Similar Part No. - PJF8N60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF8NA50 PANJIT-PJF8NA50 Datasheet
440Kb / 8P
   500V N-Channel MOSFET
PJF8NA65A PANJIT-PJF8NA65A Datasheet
937Kb / 8P
   650V N-Channel MOSFET
October 20,2016-REV.00
PJF8NA65A_T0_00001 PANJIT-PJF8NA65A_T0_00001 Datasheet
937Kb / 8P
   650V N-Channel MOSFET
October 20,2016-REV.00
More results

Similar Description - PJF8N60

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP5N60 PANJIT-PJP5N60 Datasheet
193Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN127KN3 CYSTEKEC-MTN127KN3 Datasheet
429Kb / 9P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com