Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8224HACPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8224HACPZ-RL
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224HACPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8224HACPZ-RL Datasheet HTML 7Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 8Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 9Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 10Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 11Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 12Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 13Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 14Page - Analog Devices AD8224HACPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8224
Rev. B | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
25°C, VS = ±15 V, RL =10 kΩ, unless otherwise noted.
0
CMRR (µV/V)
–40
–20
0
20
40
400
350
300
250
200
150
100
50
Figure 4. Typical Distribution of CMRR (G = 1)
0
VOSI (µV)
–200
–100
0
100
200
400
350
300
250
200
150
100
50
Figure 5. Typical Distribution of Input Offset Voltage
400
300
200
100
0
–1200
–900
–600
–300
0
300
600
900
1200
VOSO (µV)
Figure 6. Typical Distribution of Output Offset Voltage
1000
1
1
100k
FREQUENCY (Hz)
10
100
1k
10k
10
100
GAIN = 100 BANDWIDTH ROLL-OFF
GAIN = 1
GAIN = 10
GAIN = 100/GAIN = 1000
GAIN = 1000 BANDWIDTH ROLL-OFF
Figure 7. Voltage Spectral Density vs. Frequency
XX
XX
XX
XX
XXX (X)
1s/DIV
5µV/DIV
Figure 8. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)
XX
XX
XX
XX
XXX (X)
1s/DIV
1µV/DIV
Figure 9. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1000)


Similar Part No. - AD8224HACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8224HACPZ-RL AD-AD8224HACPZ-RL Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
More results

Similar Description - AD8224HACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com