Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1987 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1987
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1987 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1987 Datasheet HTML 1Page - Sanyo Semicon Device LB1987 Datasheet HTML 2Page - Sanyo Semicon Device LB1987 Datasheet HTML 3Page - Sanyo Semicon Device LB1987 Datasheet HTML 4Page - Sanyo Semicon Device LB1987 Datasheet HTML 5Page - Sanyo Semicon Device LB1987 Datasheet HTML 6Page - Sanyo Semicon Device LB1987 Datasheet HTML 7Page - Sanyo Semicon Device LB1987 Datasheet HTML 8Page - Sanyo Semicon Device LB1987 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin
Function
Equivalent circuit diagram
Control and Current Limiting Functions
No. 6109-4/17
LB1987, 1987D, 1987M, 1987H
VLIM = 5 V
CTLREF: OPEN
Gm2 = 1.50 A/Vtyp
Gm1 = 0.65 A/Vtyp
VCTL
2.35 Vtyp
3.15 Vtyp
01
2
34
5
VCTL = 5 V
CTLREF: OPEN
VLIM
200 mVtyp
01
2
34
5
Control characteristics
Current limiting characteristics
Slope = 0.50 A/V typ
VLIM = 5 V
CTLREF: open
Gm2 = 1.50 A/V typ
Gm1 = 0.65 A/V typ
2.35 V typ 3.15 V typ
200 mV typ
(+) inputs
(–) inputs
Lower side oversaturation
prevention circuit input
block
OUT for
each phase
VCTL = 5 V
CTLREF: open
Pin Functions
U phase Hall element input.
Logic H refers to the state where IN+ > IN
UIN+
UIN
A12207
200
100
µA
200
A12208
150
µA
VCC
Vs
Rf(POWER)
Rf(SENSE)
200 k
200
10
µA
VCC
V phase Hall element input.
Logic H refers to the state where IN+ > IN
VIN+
VIN
W phase Hall element input.
Logic H refers to the state where IN+ > IN
WIN+
WIN
U phase output.
V phase output.
(These pins include internal spark killer diodes.)
W phase output.
UOUT
VOUT
WOUT
A12209
200
200
µA
VCC
max
LIM
100
µA
200
200
CTL
VCC
VCC
CTLREF
Speed control.
This circuit implements constant current drive based on current feedback
from the Rf pin.
Gm = 0.58 A/V typ at Rf = 0.5
CTL
Current limiter function control.
The output current can be modified linearly by the voltage on this pin.
Slope = 0.5 A/V typ at Rf = 0.5
LIM
CTLREF
(LB1987/D)
Output block power supply.
VS
Rf(POWER)
Rf(SENSE)
Output current detection.
Current feedback is applied to the control block by inserting the resistor Rf
between these pins and ground. Also, both the lower side saturation
prevention circuit and the torque ripple correction circuit operate according to
the voltage on this pin. In particular, since this voltage sets the
oversaturation prevention level, the lower side oversaturation prevention
operation can be degraded if the value of this resistor is set too low.
Note that the PWR pin and the SENSE pin must be connected together.
Continued on next page.


Similar Part No. - LB1987

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
   3-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results

Similar Description - LB1987

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com