Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF561SBB500 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF561SBB500
Description  Blackfin Embedded Symmetric Multiprocessor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF561SBB500 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF561SBB500 Datasheet HTML 1Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 2Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 3Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 4Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 5Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 6Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 7Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 8Page - Analog Devices ADSP-BF561SBB500 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Blackfin Embedded
Symmetric Multiprocessor
FEATURES
Dual symmetric 600 MHz high performance Blackfin cores
328K bytes of on-chip memory
(see Memory Architecture on Page 4)
Each Blackfin core includes
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of pro­
gramming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Wide range of operating voltages, (see Operating Conditions
on Page 20)
256-ball CSP_BGA (2 sizes) and 297-ball PBGA
package options
PERIPHERALS
Dual 12-channel DMA controllers
(supporting 24 peripheral DMAs)
2 memory-to-memory DMAs
VOLTA
REGULA
EXTERNAL PORT
FLASH/SDRAM CONTROL
32
16
32
16
BOOT ROM
PAB
EAB
DAB
DAB
PPI0
JTAG TEST
EMULATION
GPIO
SPI
SPORT0
TIMERS
SPORT1
IMDMA
CONTROLLER
B
CORE SYSTEM/BUS INTERFACE
B
DEB
UART
IrDA
DMA
CONTROLLER1
DMA
CONTROLLER2
PPI1
IRQ CONTROL/
WATCHDOG
TIMER
L1
INSTRUCTION
MEMORY
L1
DATA
MEMORY
L1
INSTRUCTION
MEMORY
L1
DATA
MEMORY
L2 SRAM
128K BYTES
ADSP-BF561
2 internal memory-to-memory DMAs and 1 internal memory
DMA controller
12 general-purpose 32-bit timers/counters with PWM
capability
SPI-compatible port
UART with support for IrDA
Dual watchdog timers
Dual 32-bit core timers
48 programmable flags (GPIO)
On-chip phase-locked loop capable of 0.5
× to 64× frequency
multiplication
2 parallel input/output peripheral interface units supporting
ITU-R 656 video and glueless interface to analog front end
ADCs
2 dual channel, full duplex synchronous serial ports support­
ing eight stereo I2S channels
Figure 1. Functional Block Diagram
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
Tel: 781.329.4700
www.analog.com
registered trademarks are the property of their respective owners.
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADSP-BF561SBB500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561SBB500 AD-ADSP-BF561SBB500 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
ADSP-BF561SBB500 AD-ADSP-BF561SBB500 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561SBB500 AD-ADSP-BF561SBB500 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
More results

Similar Description - ADSP-BF561SBB500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
ADSP-BF561 AD-ADSP-BF561 Datasheet
508Kb / 52P
   Blackfin Embedded Symmetric Multi-Processor
REV. C
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com