Electronic Components Datasheet Search |
|
PJSD05TS Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
PJSD05TS Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PAGE . 1 July 20.2010-REV.00 PJSD03TS~PJSD36TS VOLTAGE POWER 3~36 Volts 120 Watts SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS • 120 Watts peak pules power( tp=8/20 μs) • Small package for use in portable electronics • Suitable replacement for MLV’S in ESD protection applications • Low clamping voltage and leakage current • In compliance with EU RoHS 2002/95/EC directives MAXIMUM RATINGSAND ELECTRICALCHATACTERISTICS • Case: SOD-523 plastic • Terminals : Solderable per MIL-STD-750,Method 2026 • Approx Weight: 0.0014 grams • Marking : PJSD03TS : KD PJSD05TS : KE PJSD07TS : KF PJSD08TS : KR PJSD12TS : LE PJSD15TS : LM PJSD24TS : LZ PJSD36TS : MP APPLICATIONS FEATURES ABSOLUTE MAXIMUM RATING Rating Symbol Value Units Peak Pulse Power Dissipation (tp=8/20 μs) P PP 120 W ESD Voltage V ESD 25 KV Operating Temperature T J -50 to +150 OC Storage Temperature T STG -50 to +150 OC PJSD03TS Parameter Symbol Conditions Min. Typical Max. Units Reverse Stand-Off Voltage V RWM -- - 3.3 V Reverse Breakdown Voltage V BR I BR=1mA 4 - - V Reverse Leakage Current I R V R=3.3V - - 200 μA Clamping Voltage(8/20 μs) V C I PP=5A - - 6.5 V Off State Junction Capacitance C J 0Vdc Bias=f=1MHz - - 200 pF Off State Junction Capacitance C J 3.3Vdc Bias=f=1MHz - - 100 pF 1 2 Cathode Anode ELECTRICALCHATACTERISTICS |
Similar Part No. - PJSD05TS |
|
Similar Description - PJSD05TS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |