Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSD03W Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJSD03W
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD03W Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJSD03W_10 Datasheet HTML 1Page - Pan Jit International Inc. PJSD03W_10 Datasheet HTML 2Page - Pan Jit International Inc. PJSD03W_10 Datasheet HTML 3Page - Pan Jit International Inc. PJSD03W_10 Datasheet HTML 4Page - Pan Jit International Inc. PJSD03W_10 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
August 12.2010-Rev.00
PJSD03W~PJSD36W
PJSD24W Marking 24W
Parameter
Symbol
Conditions
Min.
Typical
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
24
V
Reverse Breakdown Voltage
V
BR
I
BR=1mA
26.6
-
30
V
Reverse Leakage Current
I
R
V
R=24V
--1
μA
Clamping Voltage(8/20
μs)
V
C
I
PP=1A
-
-
43
V
Off State Junction Capacitance
C
J
0Vdc Bias=f=1MHz
-
80
-
pF
Off State Junction Capacitance
C
J
5Vdc Bias=f=1MHz
-
10
-
pF
PJSD36W Marking 36W
Parameter
Symbol
Conditions
Min.
Typical
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
36
V
Reverse Breakdown Voltage
V
BR
I
BR=1mA
39.9
-
45
V
Reverse Leakage Current
I
R
V
R=36V
--1
μA
Clamping Voltage(8/20
μs)
V
C
I
PP=1A
-
-
60
V
Off State Junction Capacitance
C
J
0Vdc Bias=f=1MHz
-
30
-
pF
Off State Junction Capacitance
C
J
5Vdc Bias=f=1MHz
-
1
-
pF
PJSD15W Marking 15W
Parameter
Symbol
Conditions
Min.
Typical
Max.
Units
Reverse Stand-Off Voltage
V
RWM
--
-
15
V
Reverse Breakdown Voltage
V
BR
I
BR=1mA
16.7
-
20
V
Reverse Leakage Current
I
R
V
R=15V
--1
μA
Clamping Voltage(8/20
μs)
V
C
I
PP=1A
-
-
24
V
Off State Junction Capacitance
C
J
0Vdc Bias=f=1MHz
-
120
-
pF
Off State Junction Capacitance
C
J
5Vdc Bias=f=1MHz
-
30
-
pF


Similar Part No. - PJSD03W_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03W-AU_R1_000A1 PANJIT-PJSD03W-AU_R1_000A1 Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03W-AU_R2_000A1 PANJIT-PJSD03W-AU_R2_000A1 Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
More results

Similar Description - PJSD03W_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com