Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSD12TS Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJSD12TS
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD12TS Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJSD12TS Datasheet HTML 1Page - Pan Jit International Inc. PJSD12TS Datasheet HTML 2Page - Pan Jit International Inc. PJSD12TS Datasheet HTML 3Page - Pan Jit International Inc. PJSD12TS Datasheet HTML 4Page - Pan Jit International Inc. PJSD12TS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
July 20.2010-REV.00
PJSD03TS~PJSD36TS
0.01
1
10
100
1000
10000
10000
1000
100
10
t -Pulse Duration- s
d
m
t -Pulse Duration- s
d
m
0
5
10
15
20
25
30
120
100
80
60
40
20
0
T-Time- s
m
T-Time- s
0
25
50
75
100
125 150
100
80
60
40
20
0
T -Lead Temperature- C
L
O
T -Lead Temperature- C
L
O
t=t I /2
dPP
t=t I/2
dPP
Peak Pulse Power
8/20 s
m
Peak Pulse Power
8/20 s
m
Average Power
Average Power
e
-t
e
-t
t
f
t
f
Peak Value I
PP
Peak Value I
PP
TEST
WAVEFORM
PARAMETERS
m
m
TEST
WAVEFORM
PARAMETERS
m
m
FIG. 1- Pulse Wave Form
FIG. 3-Peak Pulse Power vs Pulse Time
FIG. 2-Power Derating Curve


Similar Part No. - PJSD12TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD12TS PANJIT-PJSD12TS Datasheet
45Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD12TS PANJIT-PJSD12TS Datasheet
53Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD12TS-AU PANJIT-PJSD12TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
More results

Similar Description - PJSD12TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com