Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSOT36C-05 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSOT36C-05
Description  STANDARD CAPACITANCE TVS ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT36C-05 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSOT36C-05 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT36C-05 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT36C-05 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
Jul 08.2010-REV.01
PJSOT03C-05~PJSOT36C-05
0.01
1
10
100
1,000
10,000
10,000
1,000
100
10
t -Pulse Duration- s
d
m
0
5
10
15
20
25
30
120
100
80
60
40
20
0
t-Time- s
m
025
50
75
100
125
150
100
80
60
40
20
0
T -Lead Temperature - C
L
O
500W , 8/20 s Waveform
m
500W , 8/20 s Waveform
m
TEST
WAVEFORM
PARAMETERS
t= 8 s
t= 20 s
f
d
m
m
Peak Value I
PP
t
f
t
f
e
-t
e
-t
td=t
td = t
I/2
PP
I/2
PP
FIG.1- PEAK PULSE POWER VS PULSE TIME
FIG.1- PEAK PULSE POWER VS PULSE TIME
FIG.2- PULSE WAVE FORM
FIG.3- POWER DERATING CURVE
Peak Pulse Power
8/20 s
m
Average Power


Similar Part No. - PJSOT36C-05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT36C-05-AU PANJIT-PJSOT36C-05-AU Datasheet
668Kb / 5P
   Hi-Surge ESD Protection
May 27,2021 PJSOT24C-05-AU_SERIES-REV.00
PJSOT36C-05-AU_R1_000A1 PANJIT-PJSOT36C-05-AU_R1_000A1 Datasheet
668Kb / 5P
   Hi-Surge ESD Protection
May 27,2021 PJSOT24C-05-AU_SERIES-REV.00
More results

Similar Description - PJSOT36C-05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com