Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSOT05CFN3 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJSOT05CFN3
Description  E.S.D. Dual Protection Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT05CFN3 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJSOT05CFN3 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT05CFN3 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT05CFN3 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
REV.0.1-JUL.14.2009
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 8K per 7" plastic Reel
0.02
(0.68)
7
0.043
(1.10)
0.017
(0.42)
0.010
(0.26)
DFN 3L
DFN 3L
PJSOT05CFN3


Similar Part No. - PJSOT05CFN3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT05C PANJIT-PJSOT05C Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05C PANJIT-PJSOT05C Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05C-02 PANJIT-PJSOT05C-02 Datasheet
99Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PJSOT05CFN3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJESDZ6V8-2G PANJIT-PJESDZ6V8-2G Datasheet
91Kb / 3P
   E.S.D. Dual Protection Diode Array
logo
Union Semiconductor, In...
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
   Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
   Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
   Dual Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
   Dual Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B Datasheet
159Kb / 6P
   Dual Line ESD Protection Diode Array
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
   ESD Protection Diode Array
Rev. 2, 02-Jun-03
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
   ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
   ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
   ESD Protection Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com