Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPS120050 Datasheet(PDF) 2 Page - CUI INC

Part # EPS120050
Description  SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPS120050 Datasheet(HTML) 2 Page - CUI INC

  EPS120050 Datasheet HTML 1Page - CUI INC EPS120050 Datasheet HTML 2Page - CUI INC EPS120050 Datasheet HTML 3Page - CUI INC EPS120050 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
2 of 4
SWITCHING POWER SUPPLY
6 W WALL PLUG
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
INPUT
parameter
conditions/description
min
nom
max
units
rated input voltage
100
120
130
V ac
rated frequency
50
60
Hz
frequency range
47
63
Hz
inrush current
120 V ac, inrush lasts no longer than 0.5 ms before
settling to steady state current
40
A
no load power consumption
Input: 100 ~ 120 V ac
0.5
W
OUTPUT
parameter
conditions/description
min
nom
max
units
line regulation
±2
%
load regulation
full load to no load, > 5 V
full load to no load, < 5 V
-5%
±5
+0.25 V
%
over/undershoot
at turn-on and turn-off
0
%
temp. coefficient
0 ~ 40°C, full load, after initial 1 hour warm-up
±0.02
%/°C
start-up time
time needed to reach regulation
3
s
hold-up time
at 115 V ac, full load
10
ms
output power limit
primary power limited
overload protection
Fold-back current limiting starts at 105 ~ 160% of the rated output current. Auto-recovery. Long term
exposure to overload condition may reduce product reliability.
short circuit protection
Continuous, auto-recovery upon removal of short
SAFETY & EMI
parameter
conditions/description
min
nom
max
units
HI-POT
input to output at 10 mA for 1 second
3000
V ac
insulation resistance
input to output at 500 V dc
100
M
safety approvals
UL/cUL 1310
EMI standard
FCC part 15 class B
leakage current
at 120 V ac
0.5
mA
RoHS compliant
yes
class 2 power supply
yes
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
040
°C
operating humidity
10
90
%
storage temperature
-20
85
°C
storage humidity
10
90
%
RELIABILITY
parameter
conditions/description
min
nom
max
units
MTBF
at 25°C, per MIL-HDBK-217E
240,000
hours


Similar Part No. - EPS120050

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPS120050 CUI-EPS120050 Datasheet
270Kb / 5P
   SWITCHING POWER SUPPLY
EPS120050 CUI-EPS120050 Datasheet
450Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - EPS120050

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com