Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSR05TB4 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJSR05TB4
Description  LOW CAPACITANCE TVS AND DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSR05TB4 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJSR05TB4 Datasheet HTML 1Page - Pan Jit International Inc. PJSR05TB4 Datasheet HTML 2Page - Pan Jit International Inc. PJSR05TB4 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
REV.0.1-JAN.5.2010
LEGAL STATEMENT
Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 4K per 7" plastic Reel
T/R - 10K per 13" plastic Reel
0.038
(1.0)
4
PJSR05TB4 SERIES


Similar Part No. - PJSR05TB4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSR05 PANJIT-PJSR05 Datasheet
71Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05_06 Datasheet
168Kb / 3P
   Low Capacitance TVS and Diode Array
More results

Similar Description - PJSR05TB4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSBLC6-2 PANJIT-PJUSBLC6-2 Datasheet
55Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05_06 Datasheet
168Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4_06 Datasheet
587Kb / 4P
   Low Capacitance TVS and Diode Array
PJSR12 PANJIT-PJSR12 Datasheet
163Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4 Datasheet
95Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05 Datasheet
71Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4 Datasheet
67Kb / 3P
   Low Capacitance TVS and Diode Array
PJUSBLC6-2 PANJIT-PJUSBLC6-2_08 Datasheet
69Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4_06 Datasheet
595Kb / 4P
   Low Capacitance TVS and Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com