Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24271 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY24271
Description  Rambus XDR??Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24271 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY24271_11 Datasheet HTML 2Page - Cypress Semiconductor CY24271_11 Datasheet HTML 3Page - Cypress Semiconductor CY24271_11 Datasheet HTML 4Page - Cypress Semiconductor CY24271_11 Datasheet HTML 5Page - Cypress Semiconductor CY24271_11 Datasheet HTML 6Page - Cypress Semiconductor CY24271_11 Datasheet HTML 7Page - Cypress Semiconductor CY24271_11 Datasheet HTML 8Page - Cypress Semiconductor CY24271_11 Datasheet HTML 9Page - Cypress Semiconductor CY24271_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY24271
Document Number: 001-00411 Rev. *C
Page 6 of 16
Note
6. RW = Read and Write, RO = Read Only, POD = Power on default. See Table 2 on page 4 for PLL multipliers and Table 4 on page 5 for clock output selections.
Table 5. Command Code 80h[6]
Bit
Register
POD
Type
Description
7
Reserved
0
RW
Reserved (no internal function)
6
MULT2
0
RW
PLL Multiplier Select
5MULT1
0
RW
4MULT0
1
RW
3
RegA
1
RW
Clock 0 Output Select
2
RegB
1
RW
Clock 1 Output Select
1
RegC
1
RW
Clock 2 Output Select
0
RegD
1
RW
Clock 3 Output Select
Table 6. Command Code 81h[6]
Bit
Register
POD
Type
Description
7
Reserved
0
RW
Reserved (no internal function)
6
Reserved
0
RW
5
Reserved
0
RW
4
Reserved
0
RW
3
Reserved
1
RW
Reserved (must be set to ‘1’ for proper operation)
2
REFSEL
0
RW
Reference Frequency Select (reference Table 2 on page 4)
1
Reserved
0
RW
Reserved (must be set to ‘0’ for proper operation)
0
RegTest
0
RW
Reserved (must be set to ‘0’ for proper operation)
Table 7. Command Code 82h[6]
Bit
Register
POD
Type
Description
7Device
Revision
Number
?
RO
Contact factory for Device Revision Number information.
6?
RO
5?
RO
4?
RO
3?
RO
2
Vendor ID
0
RO
RAMBUS assigned Vendor ID Code
11
RO
00
RO
[+] Feedback


Similar Part No. - CY24271_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24271ZXC CYPRESS-CY24271ZXC Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
CY24271ZXCT CYPRESS-CY24271ZXCT Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
More results

Similar Description - CY24271_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com