Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29973 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY29973
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY29973_11 Datasheet HTML 2Page - Cypress Semiconductor CY29973_11 Datasheet HTML 3Page - Cypress Semiconductor CY29973_11 Datasheet HTML 4Page - Cypress Semiconductor CY29973_11 Datasheet HTML 5Page - Cypress Semiconductor CY29973_11 Datasheet HTML 6Page - Cypress Semiconductor CY29973_11 Datasheet HTML 7Page - Cypress Semiconductor CY29973_11 Datasheet HTML 8Page - Cypress Semiconductor CY29973_11 Datasheet HTML 9Page - Cypress Semiconductor CY29973_11 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY29973
Document Number: 38-07291 Rev. *E
Page 8 of 10
Ordering Code Definitions
Package Drawing and Dimensions
Figure 3. 52-pin Thin Plastic Quad Flat Pack (10 × 10 × 1.0 mm) A52B
Ordering Information
Part Number
Package Type
Production Flow
Pb-free
CY29973AXI
52-pin TQFP
Industrial, –40 °C to +85 °C
CY29973AXIT
52-pin TQFP – Tape and reel
Industrial, –40 °C to +85 °C
T = Tape and Reel
Temperature Range: X = C or I
C = Commercial; I = Industrial
Package Type:
AX = 52-pin TQFP
Base Device Part Number
Company ID: CY = Cypress
CY 29973 AX X
T
51-85158 *A
[+] Feedback


Similar Part No. - CY29973_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY29973_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com