Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHB6718 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZHB6718
Description  SM-8 BIPOLAR TRANSISTOR H-BRIDGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHB6718 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZHB6718 Datasheet HTML 1Page - Diodes Incorporated ZHB6718 Datasheet HTML 2Page - Diodes Incorporated ZHB6718 Datasheet HTML 3Page - Diodes Incorporated ZHB6718 Datasheet HTML 4Page - Diodes Incorporated ZHB6718 Datasheet HTML 5Page - Diodes Incorporated ZHB6718 Datasheet HTML 6Page - Diodes Incorporated ZHB6718 Datasheet HTML 7Page - Diodes Incorporated ZHB6718 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PNP TRANSISTORS
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C ).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-20
-65
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-20
-55
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
-8.8
V
IE=-100µA
Collector Cut-Off Current ICBO
-100
nA
VCB=-15V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector Emitter Cut-Off
Current
ICES
-100
nA
VCES=-15V
Collector-Emitter
Saturation Voltage
VCE(sat)
-16
-130
-190
-40
-200
-260
mV
mV
mV
IC=-100mA, IB=-10mA*
IC=-1A, IB=-20mA*
IC=-2.5A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.98
-1.1
V
IC=-2.5A, IB=-200mA*
Base-Emitter Turn-On
Voltage
VBE(on)
0.85
V
I+=-2.5A, VCE=-2V*
Static Forward Current
Transfer
Ratio
hFE
300
300
150
35
475
450
230
70
30
IC=-10mA, VCE=-2V*
IC=-100mA, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-4A, VCE=-2V*
IC=-6A, VCE=-2V*
Transition
Frequency
fT
150
180
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
21
30
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
40
ns
VCC=-10V, IC=-1A
IB1=IB2=-20mA
Turn-Off Time
t(off)
670
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%.
ZHB6718


Similar Part No. - ZHB6718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHB6718 ZETEX-ZHB6718 Datasheet
193Kb / 8P
   BIPOLAR TRANSISTOR H-BRIDGE
More results

Similar Description - ZHB6718

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHB6790 DIODES-ZHB6790 Datasheet
204Kb / 8P
   SM-8 BIPOLAR TRANSISTOR H-BRIDGE
ZHB6792 DIODES-ZHB6792 Datasheet
111Kb / 7P
   SM-8 BIPOLAR TRANSISTOR H-BRIDGE
logo
Zetex Semiconductors
ZHB6790TA ZETEX-ZHB6790TA Datasheet
204Kb / 8P
   SM-8 BIPOLAR TRANSISTOR H-BRIDGE
logo
Diodes Incorporated
ZHB6790TA DIODES-ZHB6790TA Datasheet
204Kb / 8P
   SM-8 BIPOLAR TRANSISTOR H-BRIDGE
logo
Zetex Semiconductors
ZHB6792 ZETEX-ZHB6792 Datasheet
100Kb / 7P
   BIPOLAR TRANSISTOR H-BRIDGE
ZHB6718 ZETEX-ZHB6718 Datasheet
193Kb / 8P
   BIPOLAR TRANSISTOR H-BRIDGE
ZHB6790 ZETEX-ZHB6790 Datasheet
193Kb / 8P
   BIPOLAR TRANSISTOR H-BRIDGE
logo
Diodes Incorporated
HBDM60V600W DIODES-HBDM60V600W Datasheet
833Kb / 8P
   COMPLEX TRANSISTOR ARRAY FOR BIPOLAR TRANSISTOR HALF H-BRIDGE MOTOR/ACTUATOR DRIVER
DS30701 Rev. 2 - 2
HBDM60V600W DIODES-HBDM60V600W_15 Datasheet
201Kb / 7P
   COMPLEX TRANSISTOR ARRAY FOR BIPOLAR TRANSISTOR HALF H-BRIDGE MOTOR/ACTUATOR DRIVER
ZDT6753 DIODES-ZDT6753_15 Datasheet
990Kb / 9P
   100V COMPLEMENTARY MEDIUM POWER TRANSISTOR IN SM-8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com