Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET50N06 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # ET50N06
Description  50 Amps竊?0Volts N-CHANNEL MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET50N06 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  ET50N06 Datasheet HTML 1Page - Estek Electronics Co. Ltd ET50N06 Datasheet HTML 2Page - Estek Electronics Co. Ltd ET50N06 Datasheet HTML 3Page - Estek Electronics Co. Ltd ET50N06 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ET50N06
Tc=25℃
50
A
Drain Currenet Continuous
Tc=100℃
ID
35
A
Drain Current Pulsed(Note 1)
IDP
200
A
Repetitive(Note 1)
EAR
13
mJ
Avalanche Energy
Single Pulse(Note 2)
EAS
480
mJ
Peak Diode Recovery dv/dt(Note 3)
dv/dt
7.0
v/ns
Tc=25℃
120
W
Total Power Dissipation
Derate above 25℃
PD
0.8
w/℃
Operation Junction Temperature
TJ
-55 to+150
Storage temperature
TSTG
-55~+150
THERMAL DATA
PARAMETER
SYMBOL
TYP
MAX
UNIT
Thermal Resistance Junction-Ambient
θJA
-
62.5
℃/W
Thermal Resistance Junction-Case
θJC
-
1.24
℃/W
Thermal Resistance Case-Sink
θCS
0.5
-
℃/W
ELECTRICAL CHARACTERISTICS(T
J=25℃,unless Otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250μA
60
V
VDS=60V,VGS=0V
1
μA
Zero Gate Voltage Drain Current
IDSS
VDS=48V,TC=150℃
10
μA
Forward
VGS=20V,VDS=0V
100
nA
Gate-Body Leakage
Current
Reverse
IGSS
VGS=-20V,VDS=0V
-100
nA
Breakdown Voltage Temperature
ELECTRICAL CHARACTERISTICS(Cont.)
△BV
DSS/△TJ
ID=250μA
0.06
V/℃
On Characteristics
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.2
3.8
V
Static Drain-Source On-Resistance
RDS(ON)
VDS=10V,ID=25A
0.019
0.023
Ω
Dynamic Characteristics
Input Capacitance
CISS
900
1220
pF
Output Capacitance
COSS
430
550
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f=1MHZ
80
100
pF
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switching Characteristics
Turn-On Delay Time
t
D(ON)
40
60
ns
Rise Time
tR
100
200
ns
Turn-Off Delay Time
t
D(OFF)
90
180
ns
Fall Time
tF
VDD=30V,ID=25A,RG=50Ω
(Note4,5)
80
160
ns
Total Gate Charge
QG
30
40
nC
Gate-Source Charge
QGS
9.6
-
nC
Gate-Drain Charge
QGD
VDS=48V,VGS=10V,ID=50A(Note4,5)
10
-
nC
Drain-Source Diode Characteristics
Drain-Source Diode Forward Voltage
VSD
VGS=0V,ISD=50A
1.5
V
Continuous Drain-Source Current
ISD
50
A
Pulsed Drain-Source Current
ISM
200
A
Reverse Recovery Time
tRR
54
ns
BEIJING ESTEK ELECTRONICS CO.,LTD
2


Similar Part No. - ET50N06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ET50-102 VISHAY-ET50-102 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET50-103 VISHAY-ET50-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET50-104 VISHAY-ET50-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET50-202 VISHAY-ET50-202 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET50-203 VISHAY-ET50-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - ET50N06

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
7N60 ESTEK-7N60 Datasheet
470Kb / 5P
   7 Amps竊?00Volts N-Channel MOSFET
ET740 ESTEK-ET740 Datasheet
434Kb / 5P
   10.5 Amps竊?00Volts N-Channel MOSFET
2N60 ESTEK-2N60 Datasheet
573Kb / 5P
   N2 Amps竊?00Volts N-Channel MOSFET
ET730 ESTEK-ET730 Datasheet
423Kb / 5P
   6 Amps竊?00Volts N-Channel MOSFET
ET630 ESTEK-ET630 Datasheet
646Kb / 5P
   9 Amps竊?00Volts N-CHANNEL MOSFET
4N60 ESTEK-4N60 Datasheet
543Kb / 5P
   4 Amps竊?00Volts N-Channel MOSFET
logo
KIA Semiconductor Techn...
50N06 KIA-50N06 Datasheet
338Kb / 6P
   50 Amps, 60 Volts N-CHANNEL MOSFET
50N03 KIA-50N03 Datasheet
61Kb / 3P
   50 Amps, 30 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
UFZ44 UTC-UFZ44 Datasheet
212Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com