Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB8109M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB8109M
Description  Actuator Driver for Portable CD Players
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8109M Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LB8109M Datasheet HTML 1Page - Sanyo Semicon Device LB8109M Datasheet HTML 2Page - Sanyo Semicon Device LB8109M Datasheet HTML 3Page - Sanyo Semicon Device LB8109M Datasheet HTML 4Page - Sanyo Semicon Device LB8109M Datasheet HTML 5Page - Sanyo Semicon Device LB8109M Datasheet HTML 6Page - Sanyo Semicon Device LB8109M Datasheet HTML 7Page - Sanyo Semicon Device LB8109M Datasheet HTML 8Page - Sanyo Semicon Device LB8109M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Continued from preceding page.
Pin No.
Symbol
Equivalent circuit
Function
20
VZ
Zener diode
Reference voltage
startup circuit
S/S function
shant
External
power
input
Forced
startup
Input pin for start-up circuit when
an external voltage input is
applied. The external voltage
input is applied through a
resistor inserted in series. The
voltage is basically determined
by the Zener diode + 2VBE; this
pin has a current draining
capacity up to 20 mA.
24
S/S
LB8109M start-up input. (Start
on a low-level input.)
21
OPIN
Inverting input pin for internal OP
amplifier.
22
OPIN
+
Noninverting input pin for internal
OP amplifier.
23
OPOUT
Output pin for internal OP
amplifier. The output circuit type
is ‘‘push-pull.’’
14
CHG-ON
Pin for selecting battery charging
when external voltage input is
applied. This pin determines the
drop voltage for the external
voltage input. When low, the
drop voltage set by VEXT is
selected; when high, the drop
voltage set by VEXT-CHG is
selected.
25
MUTE
Input pin for simultaneously
muting the drivers for the four
channels. (High: mute)
26
G-SELECT
Pin for switching the spindle
driver transfer gain between 8.3
dB and 14.8 dB (typ. value
each). (Low: high gain)
27
SLMODE
Pin for switching the sled driver
between V-type control and step
control. (High: V-type control;
low: step control)
28
VCC
Power supply voltage pin.
29
33
SLREF
IN4
Threshold input pin for driving
the sled motor stepwise. Both
the positive and negative step
levels (with positive-negative
symmetry) are determined by the
voltage differential between the
pin voltage and the ASPREF pin
voltage.
39
PGND
Output Tr. GND for the four-
channel H bridge drivers. This
pin is not internally connected to
the small-signal system GND.
Continued on next page.
LB8109M
No.5233-7/9


Similar Part No. - LB8109M

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB8109H0908 PF-LB8109H0908 Datasheet
583Kb / 4P
   Unicom Com Unit for PROFIBUS DP/DP-V1
2020-05-06
More results

Similar Description - LB8109M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
LB8118M SANYO-LB8118M Datasheet
142Kb / 11P
   Actuator Driver for Portable CD Players
logo
Rohm
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
   Headphone driver for portable CD players
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com