Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB8118M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB8118M
Description  Actuator Driver for Portable CD Players
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB8118M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB8118M Datasheet HTML 1Page - Sanyo Semicon Device LB8118M Datasheet HTML 2Page - Sanyo Semicon Device LB8118M Datasheet HTML 3Page - Sanyo Semicon Device LB8118M Datasheet HTML 4Page - Sanyo Semicon Device LB8118M Datasheet HTML 5Page - Sanyo Semicon Device LB8118M Datasheet HTML 6Page - Sanyo Semicon Device LB8118M Datasheet HTML 7Page - Sanyo Semicon Device LB8118M Datasheet HTML 8Page - Sanyo Semicon Device LB8118M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
[SLED Drive Circuit]
SL REF pin input voltage
range
VSL REF
VASP REF+0.1
VCD–1.0
V
SL REF pin input bias current
IB SL REF
200
nA
Positive side setting offset
voltage between IN4
and SL REF
Voff SL REF
VSL REF = 2.3 V, VASP REF = 2 V
–20
+20
mV
Dual side step width difference
voltage
VSL DIF
VSL REF = 2.3 V, VASP REF = 2 V
–20
+25
mV
SL MODE pin high voltage
VH SL MODE
2.0
V
SL MODE pin low voltage
VL SL MODE
–25
+1.0
V
[OSC Block]
Maximum oscillation frequency
FOSC max
100
kHz
Input bias current
IB OSC
–2.0
µA
[S/S Pin Function]
S/S start voltage
VSSON
VCC–1.0
V
S/S off voltage
VSSOFF
0.5
V
[External Voltage Input Block]
Minimum operating input
voltage when external voltage
input is applied
VEXT min
RIN =1kΩ
3.5
V
EXTDRV pin output current
IO EXT DRV
200
µA
VZ pin voltage
VZ
VEXT = 4.5 V, RIN =1kΩ
3.0
V
VZ pin inflow current
IVZ
20
mA
VEXT,VEXT-CHG pin
Input bias current
IB EXTCHG
IB EXT
200
nA
EXTBASE pin saturation
voltage
VEXTBASE
IO = 1 mA
0.2
V
[Muting Block]
Mute on voltage
VON MUTE
1.0
V
Mute off voltage
VOFF MUTE
2.0
V
[Pulse Charging Function]
Internal reference voltage
VCHG REF
0.3
V
CHG-ON pin ON voltage
VCHG-ON
2.0
V
CHG-ON Pin OFF voltage
VCHG-OFF
1.0
V
CHG-MON pin
input bias current
IB CHG MON
200
nA
CHGDRV pin output current
IO CHG DRV
3.0
mA
[H Bridge 1-channel/2-channel drive switch]
1-channel/2-channel switching,
2-channel on voltage
VL 1ch/2ch
1.0
V
1-channel/2-channel switching,
1-channel on voltage
VH 1ch/2ch
2.0
V
[TSD Block]
Operating temperature
TTSD
Design target value, Note 1
180
°C
Temperature hysteresis width
∆TTSD
Design target value, Note 1
20
°C
[Battery Check Block]
Input bias current
IBIN
200
nA
Output saturation voltage
VBO
IO = 100 µA
0.3
V
Note 1: For parameters which have an entry of ‘‘design target value’’ in the ‘‘Conditions’’ column, no measurements are made.
LB8118M
No.5825-3/11


Similar Part No. - LB8118M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8111 SANYO-LB8111 Datasheet
112Kb / 7P
   8mm VTR Sensor Amplifier
logo
Pepperl+Fuchs Inc.
LB8111A2-0756 PF-LB8111A2-0756 Datasheet
589Kb / 3P
   Com Unit for MODBUS TCP
logo
Sanyo Semicon Device
LB8111V SANYO-LB8111V Datasheet
112Kb / 7P
   8mm VTR Sensor Amplifier
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
logo
Sanyo Semicon Device
LB8112V SANYO-LB8112V Datasheet
168Kb / 8P
   LOADING MOTOR DRIVER WITH BUILT IN SENSOR AMPLIFIERS
More results

Similar Description - LB8118M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
logo
Rohm
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
   Headphone driver for portable CD players
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com