Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23153-GYMT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC23153-GYMT
Description  4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23153-GYMT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC23153-GYMT Datasheet HTML 6Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 7Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 8Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 9Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 10Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 11Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 12Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 13Page - Micrel Semiconductor MIC23153-GYMT Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel Inc.
MIC23153
December 2009
10
M9999-121409-A
Functional Description
VIN
The input supply (VIN) provides power to the internal
MOSFETs for the switch mode regulator along with the
internal control circuitry. The VIN operating range is 2.7V
to 5.5V so an input capacitor, with a minimum voltage
rating of 6.3V, is recommended. Due to the high
switching speed, a minimum 2.2µF bypass capacitor
placed close to VIN and the power ground (PGND) pin is
required. Refer to the layout recommendations for
details.
EN
A logic high signal on the enable pin activates the output
voltage of the device. A logic low signal on the enable
pin deactivates the output and reduces supply current to
0.01µA. MIC23153 features external soft-start circuitry
via the soft start (SS) pin that reduces in-rush current
and prevents the output voltage from overshooting at
start up. Do not leave the EN pin floating.
SW
The switch (SW) connects directly to one end of the
inductor and provides the current path during switching
cycles. The other end of the inductor is connected to the
load, SNS pin and output capacitor. Due to the high
speed switching on this pin, the switch node should be
routed away from sensitive nodes whenever possible.
SNS
The sense (SNS) pin is connected to the output of the
device to provide feedback to the control circuitry. The
SNS connection should be placed close to the output
capacitor. Refer to the layout recommendations for more
details.
AGND
The analog ground (AGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the power ground
(PGND) loop. Refer to the layout recommendations for
more details.
PGND
The power ground pin is the ground path for the high
current in PWM mode. The current loop for the power
ground should be as small as possible and separate
from the analog ground (AGND) loop as applicable.
Refer to the layout recommendations for more details.
PG
The power good (PG) pin is an open drain output which
indicates logic high when the output voltage is typically
above 92% of its steady state voltage. A pull-up resistor
of more than 5kOhms should be connected from PG to
VOUT.
SS
The soft start (SS) pin is used to control the output
voltage ramp up time. The approximate equation for the
ramp time in milliseconds is 270x10
3 x ln(10) x C
SS. For
example, for a CSS = 470pF, Trise ~ 300µs. See the
Typical Characteristics curve for a graphical guide. The
minimum recommended value for CSS is 100pF.
FB
The feedback (FB) pin is provided for the adjustable
voltage option (no internal connection for fixed options).
This is the control input for programming the output
voltage. A resistor divider network is connected to this
pin from the output and is compared to the internal
0.62V reference within the regulation loop.
The output voltage can be programmed between 0.65V
and 3.6V using the following equation:
⎛ +
=
R2
R1
1
V
V
REF
OUT
Where: R1 is the top resistor, R2 is the bottom resistor.
Example feedback resistor values:
VOUT
R1
R2
1.2V
274k
294k
1.5V
316k
221k
1.8V
301k
158k
2.5V
324k
107k
3.3V
309k
71.5k


Similar Part No. - MIC23153-GYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153-GYMT MICREL-MIC23153-GYMT Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
logo
Microchip Technology
MIC23153-GYMT-TR MICROCHIP-MIC23153-GYMT-TR Datasheet
3Mb / 26P
   4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
More results

Similar Description - MIC23153-GYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
   4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
   3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
   4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
   3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23158 MICREL-MIC23158_13 Datasheet
943Kb / 21P
   3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com