Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP3216DAX Datasheet(PDF) 4 Page - FIDELIX

Part # FMP3216DAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3216DAX Datasheet(HTML) 4 Page - FIDELIX

  FMP3216DAX Datasheet HTML 1Page - FIDELIX FMP3216DAX Datasheet HTML 2Page - FIDELIX FMP3216DAX Datasheet HTML 3Page - FIDELIX FMP3216DAX Datasheet HTML 4Page - FIDELIX FMP3216DAX Datasheet HTML 5Page - FIDELIX FMP3216DAX Datasheet HTML 6Page - FIDELIX FMP3216DAX Datasheet HTML 7Page - FIDELIX FMP3216DAX Datasheet HTML 8Page - FIDELIX FMP3216DAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FMP3216DAx
CMOS LPRAM
CAPACITANCE1) (f=1MHz , TA=25’C)
It
Sb l
Tt C
diti
Mi
M
Uit
DC AND OPERATING CHARACTERISTICS
1. Capacitance is sampled, not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF
Item
Symbol
Test Conditions
Min
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
1
uA
Input leakage current
ILI
VIN VSS to VCC
1
1
uA
Output leakage current
ILO
/CS=VIH, /ZZ=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC
-1
1
uA
Average operating current
ICC1
Cycle time=1us, 100%duty, IIO=0mA, /CS≤0.2V, /ZZ=VIH,
VIN≤0.2V or VIN≥VCC-0.2V
-3
mA
ICC2
Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, /ZZ=VIH,
VIN=VIL or VIH
-20
mA
Output low voltage
VOL
IOL=0.5mA
0.2VCCQ
V
Output high voltage
VOH
IOH=-0.5mA
0.8VCCQ
V
St db C
t(TTL)
ISB
/CS VIH /ZZ VIH Oth
i
t VIH
VIL
03
A
Standby Current(TTL)
ISB
/CS=VIH, /ZZ=VIH, Other inputs=VIH or VIL
-
0.3
mA
Standby Current(CMOS)
ISB1
/CS≥VCC-0.2V, /ZZ≥VCC-0.2V, Other inputs=0~VCC
-
120
uA
Low Power Modes
ISB0
/ZZ≤0.2V, Other inputs=0~VCC, No refresh(DPD)
-
10
uA
ISB0a
/ZZ≤0.2V, Other inputs=0~VCC, ¼ refresh area selection
-
90
uA
ISB0b
/ZZ≤0.2V, Other inputs=0~VCC, ½ refresh area selection
-
100
uA
ISB0c
/ZZ≤0.2V, Other inputs=0~VCC, All refresh area selection
-
120
uA
Operating Range
Device
Range
Ambient Temperature
VCC
VCCQ
FMP3216DAx-XxxS
Special
-10℃ to +60℃
2.7V to 3.3V
2.7V to VCC
FMP3216DAx-XxxC
Commercial
0℃ to +70℃
FMP3216DAx-XxxE
Extended
-25℃ to +85℃
FMP3216DAx-XxxI
Industrial
-40℃ to +85℃
Operating Range
AC Input/Output Reference Waveform
NOTE:
1. AC test inputs are driven at VCCQ for a logic 1 and VSS for a logic 0. Input rise and fall times (10% to 90%) < 1.6ns.
2 Inp t timing begins at VCCQ/2
Test Points
VCCQ/23
VCCQ/2 2
VCCQ
VSS
Input1
Output
2. Input timing begins at VCCQ/2.
3. Output timing ends at VCCQ/2.
AC Output Load Circuit
DUT
50
&
Test Point
VCCQ/2
Revision 0.1
Jul. 2010
4
30pF


Similar Part No. - FMP3216DAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-FXXX FIDELIX-FMP3217BA0-FXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-GXXX FIDELIX-FMP3217BA0-GXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H60E FIDELIX-FMP3217BA0-H60E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H70E FIDELIX-FMP3217BA0-H70E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP3216DAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BAX FIDELIX-FMP3217BAX Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com