Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-S250-48A Datasheet(PDF) 4 Page - CUI INC

Part # VF-S250-48A
Description  switching power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S250-48A Datasheet(HTML) 4 Page - CUI INC

  VF-S250-48A Datasheet HTML 1Page - CUI INC VF-S250-48A Datasheet HTML 2Page - CUI INC VF-S250-48A Datasheet HTML 3Page - CUI INC VF-S250-48A Datasheet HTML 4Page - CUI INC VF-S250-48A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
rev.
page
date
DESCRIPTION: switching power supply
4 of 5
01/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VF-S250-XXA
FAN DRIVER CONNECTOR - (FAN)
parameter
conditions/description
fan
Suggested mating connector: JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02)
OUTPUT CONNECTOR - (CN2)
parameter
conditions/description
output (option 1)
Molex Part No. 26-48-1061 or similar (6 pin)
Output pin assignment, V+ (Pins 1-3), V- (Pins 4-6)
Suggested mating connector: Molex Part No. 09-91-0600 or equivalent (6)
output (option 2)
Howder Terminal block Part No. HD-601-4P (4 pin, M3.5 Screw) 6.35 mm spacing
Output pin assignment, V+ (Pins 1-2), V- (Pins 3-4)
Suggested mating connector: Molex 19198-0045 or similar
INPUT CONNECTOR - (CN3)
parameter
conditions/description
AC input (option 1)
Molex Part No. 26-48-1051 or similar (5 pin, 3 used).
Suggested mating plug: Molex Part No. 09-91-0500 or equivalent (5 pin, 3 used)
AC input (option 2)
Howder Terminal block Part No. HD-601-3P (3 pin, M3.5 Screw) 6.35 mm spacing
Suggested mating connector: Molex 19198-0045 or similar


Similar Part No. - VF-S250-48A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S250-48A CUI-VF-S250-48A Datasheet
221Kb / 5P
   passive power factor correction
VF-S250-48A CUI-VF-S250-48A Datasheet
670Kb / 5P
   AC-DC POWER SUPPLY
04/26/2021
VF-S250-48A-CF CUI-VF-S250-48A-CF Datasheet
336Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - VF-S250-48A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com