Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15K1A304 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 15K1A304
Description  D-SUB FEMALE HD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15K1A304 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  15K1A304 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15K1A304 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
15K1A304
A3
2
PANEL CUT-OUT
see sheet 1
Petker
17.10.08
23.10.08
Fischer
D-SUB FEMALE HD 44pos. SOLDER CUP
with hexlocking screw
4:1
see sheet 1
aOrigin
42,5 `0,1
10° `
47,04 `0,1
B
A
i 0,26 A
i 0,26 B
RECOMMENDED PANEL CUT-OUT
Solder Instruction
1. Cable should be prepared for soldering. The cable/wires must be pretinned.
2. Insert cable/wire into solder cup.
3. Operate the soldering iron at 350°C, 50 Watt max. and use a pencil tip.
4. Put tip to wire in solder cup.
5. After 1 second bring in solder.
6. Heat for 3 seconds longer. Do not heat contact more than 4 seconds in total.
7. Remove soldering iron.
8. Wait until solder gets rigid again.
9. Do not solder adjacent contacts consecutively,
alternate position within the connector to minimize heat build up.


Similar Part No. - 15K1A304

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A304 CONEC-15K1A304 Datasheet
205Kb / 1P
   D-SUB FEMALE HD 44pos. SOLDER CUP with hexlocking screw
23.10.08
More results

Similar Description - 15K1A304

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A273 CONEC-15K1A273 Datasheet
235Kb / 2P
   D-SUB FEMALE HD
15K1A278 CONEC-15K1A278 Datasheet
240Kb / 2P
   D-SUB FEMALE HD
164X11949X CONEC-164X11949X Datasheet
46Kb / 1P
   D-SUB HD FEMALE
15K1A281 CONEC-15K1A281 Datasheet
224Kb / 2P
   D-SUB FEMALE HD
15K1A267 CONEC-15K1A267 Datasheet
254Kb / 2P
   D-SUB FEMALE HD
15K1A297 CONEC-15K1A297 Datasheet
276Kb / 2P
   D-SUB FEMALE HD
logo
Assmann Electronics Inc...
AK375-R ASSMANN-AK375-R Datasheet
116Kb / 1P
   HD D-Sub 15 Pin Female to HD D-Sub
AK373-R ASSMANN-AK373-R Datasheet
116Kb / 1P
   HD D-Sub 15 Pin Female to HD D-Sub
AK375-5-R ASSMANN-AK375-5-R Datasheet
66Kb / 1P
   HD D-Sub 15pin Female <=> HD D-Sub 15pin Male
logo
CONEC Elektronische Bau...
15K1A513 CONEC-15K1A513 Datasheet
273Kb / 2P
   D-SUB HD FEMALE 90
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com