Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXO-PC735RFC-159375 Datasheet(PDF) 1 Page - Fox Electronics

Part # FXO-PC735RFC-159375
Description  FIBRE CHANNEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-PC735RFC-159375 Datasheet(HTML) 1 Page - Fox Electronics

  FXO-PC735RFC-159375 Datasheet HTML 1Page - Fox Electronics FXO-PC735RFC-159375 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
for
FIBRE CHANNEL Model: FXO-PC735RFC-159.375
DWG- | Rev. 07/13/2010
Page 1 of 2
© 2010 FOX ELECTRONICS | ISO9001:2000 Certified | FOXONLINE
LVPECL 7 x 5mm
3.3V
50ppm
XO
Freq: 159.375MHz
Note 1 – Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
DWG- 100750 | Rev. 07/13/2010
Electrical Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Frequency
FO
159.375 MHz
Frequency Stability 1
50 ppm
Temperature Range
TO
TSTG
Standard operating
Storage
-40°C to +85°C
-55°C to +125°C
Supply Voltage
VDD
Standard
3.3V ± 5%
Input Current
IDD
Standard Load
120 mA
Output Load
Differential
Standard
50 ohms into VDD -2.0VDC
Start-Up Time
TS
10 mS
Output Enable / Disable Time
100 nS
Moisture Sensitivity Level
MSL
1
Termination Finish
Au
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Output LOW Voltage
VOL
Standard Load
1.35V ~ 1.65V
Output HIGH Voltage
VOH
Standard Load
2.055V ~ 2.405V
Output Symmetry
@ 50% Vp-p Level
45% ~ 55%
Output Enable (PIN # 1) Voltage
VIH
≥70% VDD
Output Disable (PIN # 1) Voltage
VIL
≤30% VDD
Cycle Rise Time
TR
20% ~ 80% Vp-p
400 pS
Cycle Fall Time
TF
80% ~ 20% Vp-p
400 pS
Features
Low Jitter
Low Cost
Tri-State Enable / Disable Feature
Industry Standard Package
Gold over Nickel Termination Finish
OUTPUT
Enable / Disable
V
GND
DD
PRESS
X
FOX
ASICs
O


Similar Part No. - FXO-PC735RFC-159375

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
   FIBRE CHANNEL
More results

Similar Description - FXO-PC735RFC-159375

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
   FIBRE CHANNEL
logo
Fox Electronics
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
   FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
   FIBRE CHANNEL
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
   FIBRE CHANNEL
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
   Fibre Channel Repeater
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
   Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
   Fibre Channel Receiver
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
   Fibre Channel SerDes
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com