Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1006FL Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # RS1006FL
Description  SMALL SURFACE MOUNT FAST DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RS1006FL Datasheet(HTML) 1 Page - Pan Jit International Inc.

  RS1006FL Datasheet HTML 1Page - Pan Jit International Inc. RS1006FL Datasheet HTML 2Page - Pan Jit International Inc. RS1006FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
November 12,2010-REV.01
RS1001FL~RS1010FL
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass Passivated Chip Junction
• High temperature soldering : 260OC / 10 seconds at terminals
• In compliance with EU RoHS 2002/95/EC directives
SMALL SURFACE MOUNT FAST DIODES
VOLTAGE
100 to 1000 Volts
1.0 Amperes
CURRENT
MECHANICAL DATA
• Case : JEDEC SOD-123FL, Molded plastic over passivated junction
• Terminals : Solderable per MIL-STD-750, Method 2026
• Standard Packaging : 8mm tape (EIA-481)
• Apporx. Weight: 0.0006 ounce, 0.0172 gram
• Polarity : Color band cathode
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
1
2
Cathode
Anode
Rating
Test condition
Symbol
RS1001FL
RS1002FL
RS1004FL
RS1006FL
RS1008FL
RS1010FL
Units
Marking Code
-
R1B
R1D
R1G
R1J
R1K
R1M
-
Maximum repetitve peak reverse voltage
V
RRM
100
200
400
600
800
1000
V
Maximum RMS voltage
V
RMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
V
DC
100
200
400
600
800
1000
V
Maximum average forward rectified current
Derate above T
C=110
OC
I
F(AV)
1.0
A
Maximum instantaneous forward voltage
0.7A
1.0A
V
F
1.15
1.3
V
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
I
FSM
30
A
Maximum DC reverse current at rated DC blocking voltage
T
J=25
OC
T
J=125
OC
I
R
1.0
50
μA
Typical capacitance
4V,1MHz
C
J
9pF
Reverse recovery time
I
F=0.5A
I
R=1A
I
rr=0.25A
t
rr
150
250
500
nS
Thermal resistance junction to ambient air
R ϑ
JA
180
OC/W
Operating junction and storage temperature range
T
J ,TSTG
-55 to +150
OC


Similar Part No. - RS1006FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1006FL PANJIT-RS1006FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
logo
Unisonic Technologies
RS1006FL UTC-RS1006FL Datasheet
132Kb / 3P
   SURFACE MOUNT FAST DIODEl
logo
YENYO TECHNOLOGY Co., L...
RS1006FL YENYO-RS1006FL Datasheet
205Kb / 2P
   1.0A Fast Recovery Rectifier
logo
SUNMATE electronic Co.,...
RS1006FL SUNMATE-RS1006FL Datasheet
313Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
GOOD-ARK Electronics
RS1006FL GOOD-ARK-RS1006FL Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - RS1006FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL_10 Datasheet
82Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
US1008FL-AU PANJIT-US1008FL-AU Datasheet
134Kb / 5P
   SMALL SURFACE MOUNT FAST DIODES
ES1001FL PANJIT-ES1001FL_10 Datasheet
119Kb / 3P
   SMALL SURFACE MOUNT SUPER FAST DIODES
ES1001FL-AU PANJIT-ES1001FL-AU Datasheet
201Kb / 5P
   SMALL SURFACE MOUNT SUPER FAST DIODES
logo
SUNMATE electronic Co.,...
ES1001FL SUNMATE-ES1001FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
   Small Surface Mount Diodes
Rev. 1.8, 24-Mar-04
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com