Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA6.5 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SA6.5
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA6.5 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SA6.5 Datasheet HTML 1Page - Pan Jit International Inc. SA6.5 Datasheet HTML 2Page - Pan Jit International Inc. SA6.5 Datasheet HTML 3Page - Pan Jit International Inc. SA6.5 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-SEP.02.2008
SA5.0~SA220CA
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
Bt
n
e
r
r
u
C
t
s
e
T
e
g
a
k
a
e
L
e
s
r
e
v
e
R
p
m
a
l
C
.
x
a
M
e
g
a
t
l
o
V
0
0
0
1
/
0
1
µµµµµs
e
s
l
u
P
k
a
e
P
0
0
0
1
/
0
1
t
n
e
r
r
u
C
µµµµµs
e
d
o
C
g
n
i
k
r
a
M
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
IPP
.
n
i
M
.
x
a
M
IT
-
I
N
U
-
I
B
I
N
U
I
B
V
V
V
A
m
A
u
A
u
V
A
I
N
U
I
B
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
5
A
0
4
A
S
A
C
0
4
A
S
0
4
4
.
4
4
1
.
1
5
1
1
1
5
.
4
6
8
.
7
A
0
4
A
S
A
C
0
4
A
S
3
4
A
S
C
3
4
A
S
3
4
8
.
7
4
5
.
0
6
1
1
1
7
.
6
7
5
.
6
3
4
A
S
C
3
4
A
S
A
3
4
A
S
A
C
3
4
A
S
3
4
8
.
7
4
9
.
4
5
1
1
1
4
.
9
6
2
.
7
A
3
4
A
S
A
C
3
4
A
S
5
4
A
S
C
5
4
A
S
5
4
0
5
3
.
3
6
1
1
1
3
.
0
8
2
.
6
5
4
A
S
C
5
4
A
S
A
5
4
A
S
A
C
5
4
A
S
5
4
0
5
5
.
7
5
1
1
1
7
.
2
7
9
.
6
A
5
4
A
S
A
C
5
4
A
S
8
4
A
S
C
8
4
A
S
8
4
3
.
3
5
5
.
7
6
1
1
1
5
.
5
8
8
.
5
8
4
A
S
C
8
4
A
S
A
8
4
A
S
A
C
8
4
A
S
8
4
3
.
3
5
3
.
1
6
1
1
1
4
.
7
7
5
.
6
A
8
4
A
S
A
C
8
4
A
S
1
5
A
S
C
1
5
A
S
1
5
7
.
6
5
8
.
1
7
1
1
1
1
.
1
9
5
.
5
1
5
A
S
C
1
5
A
S
A
1
5
A
S
A
C
1
5
A
S
1
5
7
.
6
5
2
.
5
6
1
1
1
4
.
2
8
1
.
6
A
1
5
A
S
A
C
1
5
A
S
4
5
A
S
C
4
5
A
S
4
5
0
6
6
7
1
1
1
3
.
6
9
2
.
5
4
5
A
S
C
4
5
A
S
A
4
5
A
S
A
C
4
5
A
S
4
5
0
.
0
6
9
6
1
1
1
1
.
7
8
7
.
5
A
4
5
A
S
A
C
4
5
A
S
8
5
A
S
C
8
5
A
S
8
5
4
.
4
6
6
.
1
8
1
1
1
3
0
1
9
.
4
8
5
A
S
C
8
5
A
S
A
8
5
A
S
A
C
8
5
A
S
8
5
4
.
4
6
1
.
4
7
1
1
1
6
.
3
9
3
.
5
A
8
5
A
S
A
C
8
5
A
S
0
6
A
S
C
0
6
A
S
0
6
7
.
6
6
5
.
4
8
1
1
1
7
0
1
7
.
4
0
6
A
S
C
0
6
A
S
A
0
6
A
S
A
C
0
6
A
S
0
6
7
.
6
6
7
.
6
7
1
1
1
8
.
6
9
2
.
5
A
0
6
A
S
A
C
0
6
A
S
4
6
A
S
C
4
6
A
S
4
6
1
.
1
7
1
.
0
9
1
1
1
4
1
1
4
.
4
4
6
A
S
C
4
6
A
S
A
4
6
A
S
A
C
4
6
A
S
4
6
1
.
1
7
8
.
1
8
1
1
1
3
0
1
9
.
4
A
4
6
A
S
A
C
4
6
A
S
0
7
A
S
C
0
7
A
S
0
7
8
.
7
7
6
.
8
9
1
1
1
5
2
1
4
0
7
A
S
C
0
7
A
S
A
0
7
A
S
A
C
0
7
A
S
0
7
8
.
7
7
5
.
9
8
1
1
1
3
1
1
4
.
4
A
0
7
A
S
A
C
0
7
A
S
5
7
A
S
C
5
7
A
S
5
7
3
.
3
8
7
.
5
0
1
1
1
1
4
3
1
7
.
3
5
7
A
S
C
5
7
A
S
A
5
7
A
S
A
C
5
7
A
S
5
7
3
.
3
8
8
.
5
9
1
1
1
1
2
1
1
.
4
A
5
7
A
S
A
C
5
7
A
S
8
7
A
S
C
8
7
A
S
8
7
7
.
6
8
8
.
9
0
1
1
1
1
9
3
1
6
.
3
8
7
A
S
C
8
7
A
S
A
8
7
A
S
A
C
8
7
A
S
8
7
7
.
6
8
7
.
9
9
1
1
1
6
2
1
4
A
8
7
A
S
A
C
8
7
A
S
5
8
A
S
C
5
8
A
S
5
8
4
.
4
9
2
.
9
1
1
1
1
1
1
5
1
3
.
3
5
8
A
S
C
5
8
A
S
A
5
8
A
S
A
C
5
8
A
S
5
8
4
.
4
9
2
.
8
0
1
1
1
1
7
3
1
6
.
3
A
5
8
A
S
A
C
5
8
A
S
0
9
A
S
C
0
9
A
S
0
9
0
0
1
5
.
6
2
1
1
1
1
0
6
1
1
.
3
0
9
A
S
C
0
9
A
S
A
0
9
A
S
A
C
0
9
A
S
0
9
0
0
1
5
.
5
1
1
1
1
1
6
4
1
4
.
3
A
0
9
A
S
A
C
0
9
A
S
0
0
1
A
S
C
0
0
1
A
S
0
0
1
1
1
1
1
4
1
1
1
1
9
7
1
8
.
2
0
0
1
A
S
C
0
0
1
A
S
A
0
0
1
A
S
A
C
0
0
1
A
S
0
0
1
1
1
1
8
2
1
1
1
1
2
6
1
1
.
3
A
0
0
1
A
S
A
C
0
0
1
A
S
0
1
1
A
S
C
0
1
1
A
S
0
1
1
2
2
1
5
.
4
5
1
1
1
1
6
9
1
6
.
2
0
1
1
A
S
C
0
1
1
A
S
A
0
1
1
A
S
A
C
0
1
1
A
S
0
1
1
2
2
1
5
.
0
4
1
1
1
1
7
7
1
8
.
2
A
0
1
1
A
S
A
C
0
1
1
A
S
0
2
1
A
S
C
0
2
1
A
S
0
2
1
3
3
1
9
6
1
1
1
1
4
1
2
3
.
2
0
2
1
A
S
C
0
2
1
A
S
A
0
2
1
A
S
A
C
0
2
1
A
S
0
2
1
3
3
1
3
5
1
1
1
1
3
9
1
2
A
0
2
1
A
S
A
C
0
2
1
A
S
0
3
1
A
S
C
0
3
1
A
S
0
3
1
4
4
1
5
.
2
8
1
1
1
1
1
3
2
2
.
2
0
3
1
A
S
C
0
3
1
A
S
A
0
3
1
A
S
A
C
0
3
1
A
S
0
3
1
4
4
1
5
.
5
6
1
1
1
1
9
0
2
4
.
2
A
0
3
1
A
S
A
C
0
3
1
A
S
0
5
1
A
S
C
0
5
1
A
S
0
5
1
7
6
1
5
.
1
1
2
1
1
1
8
6
2
9
.
1
0
5
1
A
S
C
0
5
1
A
S
A
0
5
1
A
S
A
C
0
5
1
A
S
0
5
1
7
6
1
5
.
2
9
1
1
1
1
3
4
2
1
.
2
A
0
5
1
A
S
A
C
0
5
1
A
S
0
6
1
A
S
C
0
6
1
A
S
0
6
1
8
7
1
6
2
2
1
1
1
7
8
2
7
.
1
0
6
1
A
S
C
0
6
1
A
S
A
0
6
1
A
S
A
C
0
6
1
A
S
0
6
1
8
7
1
5
0
2
1
1
1
9
5
2
9
.
1
A
0
6
1
A
S
A
C
0
6
1
A
S
0
7
1
A
S
C
0
7
1
A
S
0
7
1
9
8
1
5
.
9
3
2
1
1
1
4
0
3
6
.
1
0
7
1
A
S
C
0
7
1
A
S
A
0
7
1
A
S
A
C
0
7
1
A
S
0
7
1
9
8
1
5
.
7
1
2
1
1
1
5
7
2
8
.
1
A
0
7
1
A
S
A
C
0
7
1
A
S
0
8
1
A
S
C
0
8
1
A
S
0
8
1
8
9
1
8
.
3
5
2
1
1
1
2
2
3
6
.
1
0
8
1
A
S
C
0
8
1
A
S
A
0
8
1
A
S
A
C
0
8
1
A
S
0
8
1
8
9
1
4
.
0
3
2
1
1
1
2
9
2
7
.
1
A
0
8
1
A
S
A
C
0
8
1
A
S
0
9
1
A
S
C
0
9
1
A
S
0
9
1
9
0
2
9
.
7
6
2
1
1
1
0
4
3
5
.
1
0
9
1
A
S
C
0
9
1
A
S
A
0
9
1
A
S
A
C
0
9
1
A
S
0
9
1
9
0
2
2
.
3
4
2
1
1
1
8
0
3
6
.
1
A
0
9
1
A
S
A
C
0
9
1
A
S
0
0
2
A
S
C
0
0
2
A
S
0
0
2
0
2
2
2
8
2
1
1
1
8
5
3
4
.
1
0
0
2
A
S
C
0
0
2
A
S
A
0
0
2
A
S
A
C
0
0
2
A
S
0
0
2
0
2
2
6
5
2
1
1
1
4
2
3
5
.
1
A
0
0
2
A
S
A
C
0
0
2
A
S
0
1
2
A
S
C
0
1
2
A
S
0
1
2
1
3
2
1
.
6
9
2
1
1
1
6
7
3
3
.
1
0
1
2
A
S
C
0
1
2
A
S
A
0
1
2
A
S
A
C
0
1
2
A
S
0
1
2
1
3
2
8
.
8
6
2
1
1
1
0
4
3
5
.
1
A
0
1
2
A
S
A
C
0
1
2
A
S
0
2
2
A
S
C
0
2
2
A
S
0
2
2
2
4
2
2
.
0
1
3
1
1
1
4
9
3
3
.
1
0
2
2
A
S
C
0
2
2
A
S
A
0
2
2
A
S
A
C
0
2
2
A
S
0
2
2
2
4
2
6
.
1
8
2
1
1
1
6
5
3
4
.
1
A
0
2
2
A
S
A
C
0
2
2
A
S


Similar Part No. - SA6.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA6.5 PANJIT-SA6.5 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Anova Technologies CO.,...
SA6.5 ANOVA-SA6.5 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
SA6.5 DAESAN-SA6.5 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Socay Electornics Co., ...
SA6.5 SOCAY-SA6.5 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
SA6.5 WTE-SA6.5 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA6.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com