Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB560E Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB560E
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB560E Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB560E Datasheet HTML 1Page - Pan Jit International Inc. SB560E Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 17,2010-REV.02
SB520E SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
and polarity protection applications .
• In compliance with EU RoHS 2002/95/EC directives
• ESD Passed devices : Air mode 15KV ,human body mode 8KV
MECHANICAL DATA
• Case: DO-201AD Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity : Color band denotes cathode end
• Mounting Position: Any
• Weight: 0.0395 ounces, 1.122 grams
SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
NOTE:
1. Thermal Resistance Junction to Lead Vertical PC Board Mounting .375” (9.5mm) Lead Lengths.
VOLTAGE
20 to 60 Volts
5 Amperes
CURRENT
PA RA ME TE R
S YMB OL S B 520E S B 530E S B 540E S B 550E S B 560E UNITS
Maxi mum Recurrent P eak Reverse Voltage
V
RRM
20
30
40
50
60
V
Maxi mum R MS Voltage
V
RMS
14
21
28
35
42
V
Maxi mum D C B locki ng Voltage
V
DC
20
30
40
50
60
V
Maxi mum A verage Forward Recti fi ed C urrent at
T
L=6 0
O
C
I
F(AV)
5A
P eak F orward S urge C urrent : 8.3ms si ngle half s i ne-
wave superi mposed on rated load(JE D E C method)
I
FS M
150
A
Maxi mum Forward Voltage at 5.0A
V
F
0.55
0.70
V
Maxi mum D C Revers e C urrent at Rated D C
B locki ng Voltage
T
J=2 5
O
C
T
J= 100
O
C
I
R
0.2
50
mA
Typi cal Thermal Resi stance (Note 1)
R
JL
15
10
O
C / W
Operati ng Juncti on Temperature Range
TJ
-55 to +125
-55 to +150
O
C
S torage Temperature Range
TSTG
-55 to +150
O
C
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)


Similar Part No. - SB560E

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB560EA-G COMCHIP-SB560EA-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB560EB-G COMCHIP-SB560EB-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB560ET-G COMCHIP-SB560ET-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
More results

Similar Description - SB560E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com