Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB840 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB840
Description  D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB840 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB840 Datasheet HTML 1Page - Pan Jit International Inc. SB840 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-DEC.02.2009
1
SB820~SB860
RATING AND CHARACTERISTIC CURVES
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
150
120
110
90
70
50
30
20
10
1
2
5
10
20
50
100
8.3ms Single
Half Since-Wave
JEDEC Method
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
10
8
6
4
2
0
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
020406080
100
10
1.0
0.1
0.01
.001
T= 100 C
O
T= 75 C
O
T= 25 C
J
J
J
O
V
=20-40V
V
=50-60V
RRM
RRM
.3
.4
.5
.6
.7
.8
0.9
1.0
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
T= 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
20V~45V
50~60V


Similar Part No. - SB840

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB840 PANJIT-SB840 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Zowie Technology Corpor...
SB840 ZOWIE-SB840 Datasheet
48Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SB840 DIOTEC-SB840 Datasheet
140Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Transys Electronics
SB840 TRSYS-SB840 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB840 LRC-SB840 Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V
More results

Similar Description - SB840

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820 PANJIT-SB820_16 Datasheet
148Kb / 4P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D Datasheet
124Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840DC PANJIT-MBR840DC Datasheet
126Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_09 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D_12 Datasheet
125Kb / 5P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_16 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820D PANJIT-SB820D_05 Datasheet
427Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820CT PANJIT-SB820CT_09 Datasheet
86Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820FCT PANJIT-SB820FCT_09 Datasheet
92Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
   Surface MountSchottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com