Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB820DC Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SB820DC
Description  D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB820DC Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SB820DC Datasheet HTML 1Page - Pan Jit International Inc. SB820DC Datasheet HTML 2Page - Pan Jit International Inc. SB820DC Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
MOUNTING PAD LAYOUT
• Packing information
T/R - 0.8K per 13" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
SB820DC~SB860DC
STAD-APR.27.2009


Similar Part No. - SB820DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820DC PANJIT-SB820DC Datasheet
46Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes)
logo
Won-Top Electronics
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB820DC PANJIT-SB820DC Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB820DC-T3 WTE-SB820DC-T3 Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB820DC PANJIT-SB820DC_05 Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB820DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820 PANJIT-SB820_16 Datasheet
148Kb / 4P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D Datasheet
124Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840DC PANJIT-MBR840DC Datasheet
126Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D_12 Datasheet
125Kb / 5P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_16 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820 PANJIT-SB820_09 Datasheet
77Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820D PANJIT-SB820D_05 Datasheet
427Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820CT PANJIT-SB820CT_09 Datasheet
86Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820FCT PANJIT-SB820FCT_09 Datasheet
92Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
   Surface MountSchottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com