Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC19001A010 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC19001A010
Description  Digitizer Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC19001A010 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC19001A010 Datasheet HTML 1Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 2Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 3Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 4Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 5Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 6Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 7Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digitizer Controller Provisional Specifications
*Initial values
No. 5560-6/8
LC19001A010
Parameter
Function
Description
Coordinate calculation method
Source data mode
A/D converted data is sent to the host CPU.
(Normalized data mode)*
Normalized data is sent to the host CPU.
Interface
Serial communications
Asynchronous serial communications
Communication rates (transfer rates)
1200, 2400, 4800,
External switches are used to set the initial communication rate. See the “External
9600, 19200 (bps)
Switch Settings” charts. However, the LC19001A010 does not support 19200-bps
communication at 8 MHz. The rate can be changed by command.
Communication format
Data length: 8 bits
External switches are used to set the initial communication format. See the
Parity: none, even, odd
“External Switch Settings” charts.
Stop bits: 1 or 2
Output rate (sampling rate)
Can be set to an arbitrary
10 MHz: Maximum normalized data rate: 150 p/s
value.
Maximum source data rate: 190 p/s
Initial value
(When the baud rate is 19200)
10 MHz: 100 P/S
8 MHz: Maximum normalized data rate: 120 p/s
8 MHz: 80 P/S
Maximum source data rate: 150 p/s
(When the baud rate is 9600)
Note: The above values apply when no menu area is registered.
Coordinate data format
4-byte binary
See the “Coordinate Data Format” charts.
Data output mode
Point
When the pen is down, coordinate values are output one point at a time.
(Stream)*
While the pen remains down, coordinate values are output continuously.
Power dissipation (chip)
Low power functions
• Events that recover from
sleep mode:
Pen down, reset, command
reception
• Events that recover from
stop mode:
Pen down, reset, stop clear
command
Methods for switching modes:
There are two types of command that are used to switch to the low power modes
as follows:
Direct
Direct: The LC19001A010 switches to the low power mode after the command is
accepted.
Auto
Auto: After the last coordinate input, if there is no input for a preset time, the
LC19001A010 switches to the low power mode.
Transition times
• Transition from normal mode to low power mode: about 5 µs
• Transition from low power mode to normal mode:
Sleep mode: about 5 µs
Stop mode: The oscillator stabilization period plus 5 µs
Drive voltage
3.3 to 6 V
An 8 MHz clock frequency must be used when the drive voltage is 3.3 V.
Clock frequency
8 MHz, 10 MHz
Package
LQFP80 (SQFP80)
Chip size (mm)
14
× 14 × 1.5
A/D converter resolution
10-bit
Linearity error: ±2 LSB (5 V, 10 MHz operation)
Linearity error: ±2 LSB (3.3 V, 8 MHz operation)
5-V drive
140 mW (MAX)
At a 10-MHz operating frequency, with the pen down
3.3-V drive
52.8 mW (MAX)
At an 8-MHz operating frequency, with the pen down
Chip power dissipation
Sleep mode
Stop mode
Operating frequency
5-V drive
35 mW (MAX)
5 µW (MAX)
10 MHz
3.3-V drive
4.95 mW (MAX)
3.3 µW (MAX)
8 MHz
Sleep: CPU operation is stopped, but all other circuits operate.
Stop: The oscillator circuit is stopped.
Continued on next page.


Similar Part No. - LC19001A010

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC190Z SEOUL-LC190Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC19001A010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com