Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC19001A010 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC19001A010
Description  Digitizer Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC19001A010 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LC19001A010 Datasheet HTML 1Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 2Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 3Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 4Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 5Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 6Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 7Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
No. 5560-7/8
LC19001A010
Continued from preceding page.
Parameter
Function
Description
Reset
Hardware reset
There are four types of reset: hardware reset, software reset, power on reset, and
Software reset
watchdog reset.
Power on reset
Operation starts after the oscillator stabilization period has elapsed when stop
mode is cleared and after a power on reset.
Watchdog reset
A reset function operates automatically if the application software fails.
Status diagnostic function
Control setting state
Sends the controller’s current state of the settings to the host CPU.
verification
Information sent includes the coordinate calculation method, the data output
mode, and the output rate.
Interface diagnostic function
Interface verification
Uses arbitrary data to verify whether communication between the controller and
the host CPU is functioning normally.
Menu area function
Menu area registration
A menu area can be registered at an arbitrary location.
Up to 24 menu items can be registered.
Reference value setup function
Matching positions
Accepts A/D values and reference coordinate values from the host CPU for use in
normalizing the A/D converted data and in matching positions.
Duplicate coordinate processing
Duplicate coordinates are not
Compares the coordinate values transferred in the previous operation with the
function
transmitted
current coordinate data and if the coordinate values are the same (i.e., if they are
duplicate coordinate values) the LC19001A010 does not send the current
coordinate data. (Only valid in stream mode)
Timeout function
Sets the timeout time
If the required data was not received within the preset timeout time, the controller
sends F3h to the host CPU.
Noise exclusion function
Sets the parameters used to
Normally set to be about 10% of the number of pixels. (only valid in normalized
reduce noise levels
mode)
Initial values: X = 64, Y = 48
Lock function
Starts and clears the lock
If a lock command is issued, after transmitting the coordinate data currently being
function
transmitted, the controller halts transmission.
The lock state is cleared by sending a lock clear command.
Coordinate Data Output Format: 4-byte structure
Ph
0
0
P
X3
X2
X1
X0
0
0
X9
X8
X7
X6
X5
X4
0
0
0
0
Y3
Y2
Y1
Y0
0
0
Y9
Y8
Y7
Y6
Y5
Y4
bit
7
6
5
4
3
2
1
0
First byte
Second byte
Third byte
Fourth byte
• Ph:
Phase bit, always set to 1.
• 0:
Zero bits, always cleared to 0.
• X0 to X9: Horizontal axis value (X) as a binary value (X9 is the high-order bit)
• Y0 to Y9: Vertical axis value (Y) as a binary value (Y9 is the high-order bit)
• P:
Pen status (pen down = 1, pen up = 0)
– When the pen is in the up state, the LC19001A010 sends a single byte with the value 80 h.
Menu Area Number Output Format: 1-byte structure
Ph
1
0
M4
M3
M2
M1
M0
bit
7
6
5
4
3
2
1
0
First byte
• Ph:
Phase bit, always set to 1.
• 1:
One bit, always set to 1.
• 0:
Zero bit, always cleared to 0.
• M0 to M4: Menu number M (range: 1 to 24) as a binary value (M4 is the high-order bit)
– When the pen is in the up state, the LC19001A010 sends a single byte with the value 80 h.
Note : Coordinate data and menu area data can be differentiated by inspecting bit 6. (See the data format descriptions above.)


Similar Part No. - LC19001A010

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC190Z SEOUL-LC190Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC19001A010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com