Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1620DC Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB1620DC
Description  SURFACE SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB1620DC Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB1620DC_10 Datasheet HTML 1Page - Pan Jit International Inc. SB1620DC_10 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 23,2010-REV.03
SB1620DC SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SURFACE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
16 Amperes
CURRENT
MECHANICAL DATA
• Case: TO-263/D2PAK molded plastic package
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.0514 ounces, 1.46 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PA RA M E TE R
S YM B O L S B 16 20 DC
S B 163 0D C
S B 1 6 4 0 D C
S B 1 65 0D C
S B 1 66 0D C
UNITS
Ma xi mum Re c ur r e nt P e a k Re ve r s e Vo lt a g e
V
RRM
20
30
40
50
60
V
Ma xi mum RM S Vo lt a g e
V
RMS
14
2 1
28
35
42
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
20
30
40
50
60
V
M a xi m um A ver ag e F o r war d
C ur r e nt le ad le ng t h a t
Tc = 7 5 OC
I
F(AV )
16
A
Pea k F o r war d Sur g e C ur r ent : 8 .3 m s s i ng le ha lf
s i ne - wave s upe r i m p o s ed o n r a ted lo a d
( J ED EC m e thod )
I
FS M
15 0
A
M a xi m um F o r war d Vo ltage at 8 . 0 A pe r le g
V
F
0.55
0.75
V
Ma xi mum D C Re ve rse C urr e nt a t Ra te d
D C Bloc k i ng Vo ltag
T
J =2 5
O C
T
J =1 0 0
OC
I
R
0. 2
50
mA
Typ i c a l The r ma l Re s i s ta nce
R
JC
2. 0
O C / W
O p er at ing J unc t i on Te m per atur e Ra ng e
TJ
- 5 5 to +1 2 5
- 5 5 to +1 50
O C
S to r ag e Te m p er a tur e Ra ng e
TSTG
-5 5 to +1 5 0
O C
0.409(10.4)
0.387(9.80)
0.110(2.8)
0.055(1.4)
0.039(1.0)
0.108(2.75)
0.092(2.35)
0.108(2.75)
0.092(2.35)
0.35(0.9)MAX.
0.189(4.8)
0.137(4.4)
0.055(1.4)
0.047(1.2)
0.026(0.7)
0.011(0.3)
0.236(6.0)
0.197(5.0)


Similar Part No. - SB1620DC_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1620DC PANJIT-SB1620DC_16 Datasheet
86Kb / 5P
   SURFACE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1620DC_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1620DC PANJIT-SB1620DC_16 Datasheet
86Kb / 5P
   SURFACE SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com