Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15K1A514 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 15K1A514
Description  D-SUB HD FEMALE 90
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15K1A514 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  15K1A514 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15K1A514 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( 5 : 1 )
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
15K1A514
A3
1
D-SUB HD FEMALE 90°
see notes
Schmidt
25.11.09
27.11.09
Fischer
44pos. SOLDER PIN ANGLED
metal bracket,fixing plate,hexlocking screw, snap
2:1 (5:1)
15-00226
aOrigin
15-00226
o CONEC ABC
AT ALL TIMES WATER RESISTANT CONNECTORS NOT
IN USE SHOULD BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
NOTES:
1. FOR WAVESOLDERING (SOLDER BATH TEMERATURE 265°C FOR 8 SEC.
AND SOLDER PREHEAT 150°C FOR 180 SEC.)
2. IP RATING: IP 67
3. SEALED TO WITHSTAND PRESSURE UP TO 1,45 PSI
FOR 30 MINUTES
AFTER HIGH TEMPERATURE EXPOSURE
4. METALSHELL:
ZINC DIE CAST; min. 50µin NICKEL PLATING over COPPER
5. INSULATORS: PBT GF UL 94 V-0, BLACK
6. O-RING: SILICONE PER ASTM D2000 70 SHORE A
7. SEALING COMPOUND: EPOXY RESIN UL 94 V-0; BLACK
8. CONTACTS: COPPER ALLOY
PLATING (SEE PART NO):
o PLEASE ADD 1 for 30µin HARD GOLD
over min. 50µin NICKEL
o PLEASE ADD 3 for 8µin HARD GOLD
over min. 50µin NICKEL
9. METAL BRACKETS: ZINC DIE CAST;
300µin COPPER/40-120µin NICKEL/120-200µin TIN
10. WASHERS: COPPER ALLOY; 80µin NICKEL
11. HEXLOCKING SCREWS: STAINLESS STEEL
12. FIXING-PLATE: PBT GF UL 94 V-0; BLACK
13. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE:
n3.1`0.1; PCB THICKNESS 1.6mm
14. P.C.B. HOLE DRILLINGS and
RECOMMENDED PANEL CUT-OUT ON SHEET 2
15. RECOMMENDED TORQUE FOR MOUNTING SCREW
35Ncm (3.1 in.LB) / max.67Ncm (6 in.LB)
16. CONNECTOR IS PART MARKED: 15-00226
o CONEC ABC
38,5 - 0,25
0
+
47,04 `0,13
61,4 - 0
0,3
+
10°
4-40 UNC
4-40 UNC
O-RING
PRESS FOR FIXING ON PCB
see note 16
PCB SNAP
SEALING
COMPOUND
3,2 `0,2
8 - 0,23
0,02
+
o (see note 8)
4,8
SW
METAL BRACKET
FIXING PLATE
(glued)
6,35 `0,3
3 `0,3


Similar Part No. - 15K1A514

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A514 CONEC-15K1A514 Datasheet
285Kb / 2P
   D-SUB HD FEMALE 90° 44pos. SOLDER PIN ANGLED metal bracket,fixing plate,hexlocking screw,snap
27.11.09
More results

Similar Description - 15K1A514

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A513 CONEC-15K1A513 Datasheet
273Kb / 2P
   D-SUB HD FEMALE 90
15K1A500 CONEC-15K1A500 Datasheet
258Kb / 2P
   D-SUB HD FEMALE 90
15K1A304 CONEC-15K1A304 Datasheet
267Kb / 2P
   D-SUB FEMALE HD
15K1A498 CONEC-15K1A498 Datasheet
183Kb / 2P
   D-SUB HD MALE 90
15K1A509 CONEC-15K1A509 Datasheet
256Kb / 2P
   D-SUB HD MALE 90
15K1A273 CONEC-15K1A273 Datasheet
235Kb / 2P
   D-SUB FEMALE HD
15K1A278 CONEC-15K1A278 Datasheet
240Kb / 2P
   D-SUB FEMALE HD
164X11949X CONEC-164X11949X Datasheet
46Kb / 1P
   D-SUB HD FEMALE
15K1A281 CONEC-15K1A281 Datasheet
224Kb / 2P
   D-SUB FEMALE HD
15K1A267 CONEC-15K1A267 Datasheet
254Kb / 2P
   D-SUB FEMALE HD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com