Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLNB2013Q16 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLNB2013Q16
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2013Q16 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLNB2013Q16 Datasheet HTML 1Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 2Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 3Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 4Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 5Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 6Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 7Page - Diodes Incorporated ZLNB2013Q16 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZLNB2013
ISSUE 1 - AUGUST 2005
2
ABSOLUTE MAXIMUM RATINGS
Supply voltage
-0.6V to 12V
Supply current
500mA
VPOL1 and VPOL2
Input voltage
25V Continous
Operating temperature
-40 to 80°C
Storage temperature
-40 to 85°C
Power dissipation (Tamb 25 C)
QSOP16
500mW
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
S
Min.
Typ.
Max.
V
CC
Supply voltage
58
V
I
CC
Supply current
HOR1,2= BHOR1,2= TD1,2= BTD1, 2= 0mA
V
POL1= VPOL2= Don’t Care
F
IN1= FIN2= Don’t Care
912
mA
V
POL1 and VPOL2 Inputs
I
POL
V
TPOL
V
TENA
T
SPOL
Current
Threshold voltage
Enable threshold
voltage
Switching speed
V
POL1 =VPOL2 = 25V (Note 2)
T
amb=-40°C to 80°C
T
amb=-40°C to 80°C
100
14
8.0
200
14.75
9.0
240
15.5
10.0
100
A
V
V
S
HOR
OUT1 and HOROUT2 outputs
VHOR
HIGH
VHOR
LOW
Voltage high
Voltage low
IHOR
OUT1,2=-100
A,V
POL1,2=15.5V
IHOR
OUT1,2=5mA,VPOL1,2=14V
VCC-1.0
0
VCC 0.7
0.30
VCC
0.5
V
V
BHOR
OUT1and BHOROUT2 outputs
VBHOR
HIG
H
VBHOR
LOW
Voltage high
Voltage low
IBHOR
OUT1,2=-100
A,V
POL1,2=14.0V
IBHOR
OUT1,2=5mA,VPOL1,2=15.5V
VCC-1.0
0
VCC 0.7
0.30
VCC
0.5
V
V
Enable 1,2 outputs
VEN
HIGH
VEN
LOW
Voltage high
Voltage low
IEnable 1,2=-100 A,V
POL1,2=10V
IEnable 1,2=5mA,V
POL1,2=8.0V
VCC-1.0
0
VCC 0.7
0.30
VCC
0.5
V
V
Filter amplifier
V
OUT
Bias voltage
3
I
fin=0
1.75
1.95
2.15
V
F
inz
Input impedance
V
FIN=100mV p/p
150
AG
Amplifier gain
V
FIN=100mV p/p
30
V/mA
FV
T
V Threshold
3
100
170
350
mV
p/p
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
T
amb= 25 C, VCC=5V
Note:
1) The parameters Filter Amplifier VOUT, IOUT, Rectifier VOUT and Comparator Threshold Voltage are all directly
(linearly) related to Vcc.
2) Applied via 2.2k resistors
3) These parameters are linear related to VCC


Similar Part No. - ZLNB2013Q16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2013Q16 ZETEX-ZLNB2013Q16 Datasheet
165Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
More results

Similar Description - ZLNB2013Q16

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 DIODES-ZLNB2006 Datasheet
126Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB1001 ZETEX-ZLNB1001 Datasheet
138Kb / 4P
   DBS tone and polarity multiplex controller
logo
Diodes Incorporated
ZLNB1001 DIODES-ZLNB1001 Datasheet
149Kb / 4P
   DBS tone and polarity multiplex controller
logo
Zetex Semiconductors
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com