Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB4020PT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB4020PT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB4020PT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB4020PT Datasheet HTML 1Page - Pan Jit International Inc. SB4020PT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 31,2010-REV.03
SB4020PT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
40 Amperes
CURRENT
MECHANICAL DATA
• Case: TO-247AD/TO-3P Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.2245 ounces, 6.3673 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B O L S B 402 0 P T S B 4030P T S B 4 0 40P T S B 4045 P T S B 4050P T S B 4 0 60P T UN ITS
M a xi m um Re c ur r e nt P eak Re ve r s e Vo ltage
V
RR M
20
30
40
45
50
60
V
M a xi mum RM S Vo lta g e
V
RM S
14
21
28
31. 5
3 5
4 2
V
M a xi m um D C B loc ki ng Vo lt age
V
DC
20
30
40
40
50
60
V
M a xi m um A ver age For war d
C ur r ent at
T c = 90 OC
I
F( AV )
40
A
P eak F o r w ar d S ur ge C ur r e nt : 8. 3m s s i ng le
ha lf s i ne - wave super i m posed on r a t ed load
( J ED EC m e tho d )
I
FS M
35 0
A
M a xi m um F o r war d Vo lt age at 20A per le g
V
F
0. 55
0. 70
V
M a xi m um D C Re ve r s e C ur r ent at
Ra ted D C B loc k i ng Vo lt age
T
J = 25
OC
T
J = 100
O C
I
R
0.2
50
mA
Typ i ca l The r m a l Re si st a nce
R
JC
1. 5
O C /
W
O per at i ng J unc t i on and S t or age Te m per at ur e
Ra ng e
T
J ,T ST G
- 55 to + 125
- 55 t o + 150
OC
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)


Similar Part No. - SB4020PT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB4020PT PANJIT-SB4020PT Datasheet
157Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB4020PT PACELEADER-SB4020PT Datasheet
222Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Continental Device Indi...
SB4020PT CDIL-SB4020PT Datasheet
135Kb / 3P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB4020PT PANJIT-SB4020PT_16 Datasheet
237Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SB4020PT_T0_00001 PANJIT-SB4020PT_T0_00001 Datasheet
237Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB4020PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com