Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC321664AM Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC321664AM
Description  1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC321664AM Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC321664AM Datasheet HTML 1Page - Sanyo Semicon Device LC321664AM Datasheet HTML 2Page - Sanyo Semicon Device LC321664AM Datasheet HTML 3Page - Sanyo Semicon Device LC321664AM Datasheet HTML 4Page - Sanyo Semicon Device LC321664AM Datasheet HTML 5Page - Sanyo Semicon Device LC321664AM Datasheet HTML 6Page - Sanyo Semicon Device LC321664AM Datasheet HTML 7Page - Sanyo Semicon Device LC321664AM Datasheet HTML 8Page - Sanyo Semicon Device LC321664AM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LC321664AJ, AM, AT-80
No. 4795-3/30
Block Diagram
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Note
Maximum supply voltage
VCC max
–1.0 to +7.0
V
1
Input voltage
VIN
–1.0 to +7.0
V
1
Output voltage
VOUT
–1.0 to +7.0
V
1
Allowable power dissipation
LC321664AJ, AM
Pd max
800
mW
1
LC321664AT
700
Output short-circuit current
IOUT
50
mA
1
Operating temperature range
Topr
0 to +70
°C
1
Storage temperature range
Tstg
–55 to +150
°C
1
Note: 1) Stresses greater than the above listed maximum values may result in damage to the device.
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
min
typ
max
Unit
Note
Power supply voltage
VCC
4.5
5.0
5.5
V
2
Input high level voltage
VIH
2.4
6.5
V
2
Input low level voltage (A0 to A7,
VIL
–1.0*
+0.8
V
2
RAS, CAS, UW, LW, OE)
Input low level voltage
VIL
–0.5*
+0.8
V
2
(I/O1 to I/O16)
Note: 2) All voltages are referenced to VSS.
A bypass capacitor of about 0.1 µF should be connected between VCC and VSS of the device.
* –2.0 V when pulse width is less than 20 ns


Similar Part No. - LC321664AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BM SANYO-LC321664BM Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-70 SANYO-LC321664BT-70 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-80 SANYO-LC321664BT-80 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
More results

Similar Description - LC321664AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C1004J AUSTIN-MT4C1004J Datasheet
121Kb / 14P
   4 MEG x 1 DRAM FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com