Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC321664AM Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC321664AM
Description  1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC321664AM Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC321664AM Datasheet HTML 1Page - Sanyo Semicon Device LC321664AM Datasheet HTML 2Page - Sanyo Semicon Device LC321664AM Datasheet HTML 3Page - Sanyo Semicon Device LC321664AM Datasheet HTML 4Page - Sanyo Semicon Device LC321664AM Datasheet HTML 5Page - Sanyo Semicon Device LC321664AM Datasheet HTML 6Page - Sanyo Semicon Device LC321664AM Datasheet HTML 7Page - Sanyo Semicon Device LC321664AM Datasheet HTML 8Page - Sanyo Semicon Device LC321664AM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LC321664AJ, AM, AT-80
No. 4795-4/30
DC Electrical Characteristics at Ta = 0 to + 70°C, VCC = 5 V ± 10%
Parameter
Symbol
Conditions
min
max
Unit
Note
Operating current
ICC1
RAS, CAS, address cycling:
115
mA
3, 4,
(Average current during operation)
tRC = tRC min
5
Standby current
ICC2
RAS = CAS = VIH
2
mA
RAS-only refresh current
ICC3
RAS cycling, CAS = VIH:
115
mA
3, 5
tRC = tRC min
Fast page mode current
ICC4
RAS = VIL, CAS address cycling:
70
mA
3, 4,
tPC = tPC min
5
Standby current
ICC5
RAS = CAS = VCC–0.2V
1
mA
CAS-before-RAS refresh current
ICC6
RAS, CAS cycling:
115
mA
3
tRC = tRC min
Input leakage current
IIL
0V
V
IN 6.5V, pins other than
–10
+10
µA
measuring pin = 0V
Output leakage current
IOL
DOUT disable,
–10
+10
µA
0V
V
OUT 5.5V
Output high level voltage
VOH
IOUT = –2.5mA
2.4
V
Output low level voltage
VOL
IOUT = 2.1mA
0.4
V
Note: 3) All current values are measured at minimum cycle rate. Since current flows immoderately, if cycle time is
longer than shown here value becomes smaller.
Note: 4) ICC1 and ICC4 are dependent on output loads. Maximum values for ICC1 and ICC4 represent values with output
open.
Note: 5) One address change can be performed while RAS = VIL (ICC1 and ICC3).
One address change can be performed during one tPC cycle (ICC4).


Similar Part No. - LC321664AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BM SANYO-LC321664BM Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-70 SANYO-LC321664BT-70 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-80 SANYO-LC321664BT-80 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
More results

Similar Description - LC321664AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C1004J AUSTIN-MT4C1004J Datasheet
121Kb / 14P
   4 MEG x 1 DRAM FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com