Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC321664AM Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC321664AM
Description  1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC321664AM Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC321664AM Datasheet HTML 3Page - Sanyo Semicon Device LC321664AM Datasheet HTML 4Page - Sanyo Semicon Device LC321664AM Datasheet HTML 5Page - Sanyo Semicon Device LC321664AM Datasheet HTML 6Page - Sanyo Semicon Device LC321664AM Datasheet HTML 7Page - Sanyo Semicon Device LC321664AM Datasheet HTML 8Page - Sanyo Semicon Device LC321664AM Datasheet HTML 9Page - Sanyo Semicon Device LC321664AM Datasheet HTML 10Page - Sanyo Semicon Device LC321664AM Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LC321664AJ, AM, AT-80
No. 4795-7/30
Notes:
6)
After the power is turned on, 200 µs are required after the arrival of VCC stabilized current before
memory is initialized and begins operation. In addition, before memory operation initializes,
approximately 8 cycles worth of RAS dummy cycles are required. When the on-chip refresh counter is
applied, approximately 8-cycles worth of CAS-before-RAS dummy cycles are required instead of the
RAS dummy cycles.
7)
Measured at tT = 5 ns.
8)
When measuring input signal timing, VIH (min) and VIL (max) are used for reference points. In
addition, rise and fall time are defined between VIH and VIL.
9)
Measured using an equivalent of 50 pF and one standard TTL load.
10) tOFF (max) and tOEZ (max) are defined as the time until output voltage can no longer be measured when
output switches to a high impedance condition.
11) Operation is guaranteed if either tRRH or tRCH are satisfied.
12) These parameters are measured from the falling edge of CAS for an early-write cycle, and from the
falling edge of UW and LW for a read-write/read-modify-write cycle.
13) tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters for memory in that they
specify the operating mode. If tWCS ≥ tWCS (min), the cycle switches to an early-write cycle and output
pins switch to high impedance throughout the cycle. If tCWD ≥ tCWD (min), tRWD ≥ tRWD (min), tAWD
tAWD (min) and tCPWD ≥ tCPWD (min), the cycle switches to a read-write/read-modify-write cycle and
data outputs equal information in the selected cells. If neither of the above conditions are satisfied,
output pins are in an undefined state.
14) tRCD (max) does not indicate a restrictive operating parameter but instead represents the point at which
the access time tRAC (max) is guaranteed. If tRCD ≥ tRCD (max), access time is determined according to
tCAC.
15) tRAD (max) does not indicate a restrictive operating parameter but instead represents the point at which
the access time tRAC (max) is guaranteed. If tRAD ≥ tRAD (max), access time is determined according to
tAA.
16) Operation is guaranteed if either tDZC or tDZO are satisfied.


Similar Part No. - LC321664AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BM SANYO-LC321664BM Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-70 SANYO-LC321664BT-70 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-80 SANYO-LC321664BT-80 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
More results

Similar Description - LC321664AM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C1004J AUSTIN-MT4C1004J Datasheet
121Kb / 14P
   4 MEG x 1 DRAM FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com