Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMR250 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZMR250
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR250 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZMR250 Datasheet HTML 1Page - Diodes Incorporated ZMR250 Datasheet HTML 2Page - Diodes Incorporated ZMR250 Datasheet HTML 3Page - Diodes Incorporated ZMR250 Datasheet HTML 4Page - Diodes Incorporated ZMR250 Datasheet HTML 5Page - Diodes Incorporated ZMR250 Datasheet HTML 6Page - Diodes Incorporated ZMR250 Datasheet HTML 7Page - Diodes Incorporated ZMR250 Datasheet HTML 8Page - Diodes Incorporated ZMR250 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZMR Series
ZMR Series
Document number: DS32195 Rev. 10 - 2
1 of 11
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Description
The ZMR series of three terminal fixed positive voltage
regulators feature internal current limit and will shut
down under thermal overload conditions making the
devices difficult to destroy.
The
circuit
design
offers
an
exceptionally
low
quiescent current, only 30
μA for the 2.5V device, ideal
for low power applications. The initial devices in the
series regulate to 2.5 or 5V with a drive capability up to
50mA.
The device is designed with space saving in mind and
is available in the small outline SOT23 package. The
ZMR250 has expanded its input voltage range to
22.5V and the ZMR500 has expanded its input voltage
range to 25V; equaling that of the ZMR25H and
ZMR50H respectively.
The ZMR330 provides a 3.3V output over an input
range of 5V to 24V.
Features
Small outline SOT23 package
2.5V, 3.3V and 5V output
Output current up to 50mA
Very low quiesent current (30
μA)
Unconditionally stable
Internal short circuit current limit
Applications
Small outline SOT23 package
2.5V, 3.3V, 5V output
Output current up to 50mA
Very low quiescent current (30µA)
Unconditionally stable
Internal short circuit current limit
“Green” molding compound (No Br, Sb)
Pin Assignments
SOT23
Package Suffix - F
(Top View)
TO92
Package Suffix - C
(Underside View)
Typical Application Circuit
GND
OUT
IN
2
3
1
VIN
VOUT
Gnd


Similar Part No. - ZMR250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR250 ZETEX-ZMR250 Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250C ZETEX-ZMR250C Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250CL ZETEX-ZMR250CL Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR250CL ZETEX-ZMR250CL Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR250CSTOB ZETEX-ZMR250CSTOB Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com