Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMT32TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZMT32TA
Description  Magnetic Field Angle Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMT32TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZMT32TA Datasheet HTML 1Page - Diodes Incorporated ZMT32TA Datasheet HTML 2Page - Diodes Incorporated ZMT32TA Datasheet HTML 3Page - Diodes Incorporated ZMT32TA Datasheet HTML 4Page - Diodes Incorporated ZMT32TA Datasheet HTML 5Page - Diodes Incorporated ZMT32TA Datasheet HTML 6Page - Diodes Incorporated ZMT32TA Datasheet HTML 7Page - Diodes Incorporated ZMT32TA Datasheet HTML 8Page - Diodes Incorporated ZMT32TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZMT32
Issue 1 - June 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Operating principle
When a common-magnetic field is applied through the
ZMT32 the 2 internal magneto-resistive bridges are
affected slightly differently due to their 45° rotation to
one another. This 45° rotation enables the ZMT32 to
determine angular position, of a rotating magnetic
field.
When a rotating magnetic field is applied to the ZMT32
it will output 2 sinusoidal voltages that are:
proportional to the field strength applied
proportional to the supply voltage applied,
rotating at twice the angular position
90° apart (as seen below).
By taking the arcTan of the ratio of VO2 to VO1 the
angular
position
of
the
magnetic
field
can
be
determined.
Characteristic output curves VO1, VO2
H
rot
1
0
O
GND1
8
GND2
7
+VO2
6
+VO1
5
1
-VO1
2
-VO2
3
VCC2
4
VCC1
α = 0°
Bridge
1
Bridge
2
-V
O1
-V
O2
V
cc1
V
cc2
GND1
GND2
+V
O1
+V
O2
1
-15
-10
-5
0
5
10
0
45
90
135
180
225
270
315
360
Cos 2
α
Sin 2
α
Sensor bridge 2
Sensor bridge 1


Similar Part No. - ZMT32TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMT32TA ZETEX-ZMT32TA Datasheet
388Kb / 10P
   Magnetic Field Angle Sensor
More results

Similar Description - ZMT32TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMT32 ZETEX-ZMT32 Datasheet
388Kb / 10P
   Magnetic Field Angle Sensor
logo
List of Unclassifed Man...
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com