Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMY20TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZMY20TA
Description  MAGNETIC FIELD SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMY20TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZMY20TA Datasheet HTML 1Page - Diodes Incorporated ZMY20TA Datasheet HTML 2Page - Diodes Incorporated ZMY20TA Datasheet HTML 3Page - Diodes Incorporated ZMY20TA Datasheet HTML 4Page - Diodes Incorporated ZMY20TA Datasheet HTML 5Page - Diodes Incorporated ZMY20TA Datasheet HTML 6Page - Diodes Incorporated ZMY20TA Datasheet HTML 7Page - Diodes Incorporated ZMY20TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZMY20
SEMICO NDUC TORS
ISSUE 3 - JUNE 2007
5
Sensor sensitivity characteristic
S=f(Hx)
Vb=const; Tamb=25°C
Supply voltage (maximum) derating curve
VBmax=f(Tamb)
Device mounted on 40 x 40 mm
2 board (copper area 600mm2)


Similar Part No. - ZMY20TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMY20TA ZETEX-ZMY20TA Datasheet
3Mb / 7P
   Magnetic Field Sensors
ZMY20TA ZETEX-ZMY20TA Datasheet
161Kb / 6P
   MAGNETIC FIELD SENSOR
ZMY20TA ZETEX-ZMY20TA Datasheet
224Kb / 8P
   MAGNETIC FIELD SENSOR
More results

Similar Description - ZMY20TA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com