Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC322271J Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC322271J
Description  2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC322271J Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC322271J Datasheet HTML 1Page - Sanyo Semicon Device LC322271J Datasheet HTML 2Page - Sanyo Semicon Device LC322271J Datasheet HTML 3Page - Sanyo Semicon Device LC322271J Datasheet HTML 4Page - Sanyo Semicon Device LC322271J Datasheet HTML 5Page - Sanyo Semicon Device LC322271J Datasheet HTML 6Page - Sanyo Semicon Device LC322271J Datasheet HTML 7Page - Sanyo Semicon Device LC322271J Datasheet HTML 8Page - Sanyo Semicon Device LC322271J Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Block Diagram
Specifications
Absolute Maximum Ratings
Note: 1. Stresses greater than the above listed maximum values may result in damage to the device.
No. 5085-3/29
LC322271J, M, T-70/80
Parameter
Symbol
Ratings
Unit
Note
Maximum supply voltage
VCC max
–1.0 to +7.0
V
1
Input voltage
VIN
–1.0 to +7.0
V
1
Output voltage
VOUT
–1.0 to +7.0
V
1
Allowable power dissipation
LC322271J, M
Pd max
800
mW
1
LC322271T
700
Output short-circuit current
IOUT
50
mA
1
Operating temperature range
Topr
0 to +70
°C
1
Storage temperature range
Tstg
–55 to +150
°C
1


Similar Part No. - LC322271J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC322260T-70 SANYO-LC322260T-70 Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC322260T-80 SANYO-LC322260T-80 Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
More results

Similar Description - LC322271J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC321664AJ SANYO-LC321664AJ Datasheet
964Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com