Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3113 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZNBG3113
Description  FET BIAS CONTROLLER WITH POLARISATION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3113 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZNBG3113 Datasheet HTML 1Page - Diodes Incorporated ZNBG3113 Datasheet HTML 2Page - Diodes Incorporated ZNBG3113 Datasheet HTML 3Page - Diodes Incorporated ZNBG3113 Datasheet HTML 4Page - Diodes Incorporated ZNBG3113 Datasheet HTML 5Page - Diodes Incorporated ZNBG3113 Datasheet HTML 6Page - Diodes Incorporated ZNBG3113 Datasheet HTML 7Page - Diodes Incorporated ZNBG3113 Datasheet HTML 8Page - Diodes Incorporated ZNBG3113 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
GATE CHARACTERISTICS
IGO
Output Current
Range
-30
2000
µA
IDx
VPOL
IGOx
(mA)
(V)
(
µµA)
VG1O
VG1L
VG1H
Output Voltage
Gate 1
Off
Low
High
ID1=0
VPOL=14
IGO1=-10
ID1=12 VPOL=15.5 IGO1=-10
ID1=8
VPOL=15.5 IGO1=0
-2.7
-2.7
0.4
-2.4
-2.4
0.75
-2.0
-2.0
1.0
V
V
V
VG2O
VG2L
VG2H
Output Voltage
Gate 2
Off
Low
High
ID2=0
VPOL=15.5 IGO2=-10
ID2=12 VPOL=14
IGO2=-10
ID2=8
VPOL=14
IGO2=0
-2.7
-2.7
0.4
-2.4
-2.4
0.75
-2.0
-2.0
1.0
V
V
V
VG3L
VG3H
Output Voltage
Gate 3
Low
High
ID3=12
IGO3=-10
ID3=8
IGO3=0
-3.5
0.4
-2.9
0.75
-2.0
1.0
V
V
DRAIN CHARACTERISTICS
ID
Current
8
10
12
mA
IDV
IDT
Current Change
with VCC
with Tj
VCC= 5 to 10V
Tj=-40 to +70°C
0.2
0.05
%/V
%/°C
VD1
Drain 1 Voltage:
High
ZNBG3113
ZNBG3114
ID1=10mA, VPOL=15.5V
ID1=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD2
Drain 2 Voltage:
High
ZNBG3113
ZNBG3114
ID2=10mA, VPOL=14V
ID2=10mA, VPOL=14V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VD3
Drain 3 Voltage:
High
ZNBG3113
ZNBG3114
ID3=10mA, VPOL=15.5V
ID3=10mA, VPOL=15.5V
2.0
1.8
2.2
2.0
2.4
2.2
V
V
VDV
VDT
Voltage Change
with VCC
with Tj
VCC= 5 to 10V
Tj=-40 to +70°C
0.5
50
%/V
ppm
IL1
IL2
Leakage Current
Drain 1
Drain 2
VD1=0.1V, VPOL=14V
VD2=0.1V, VPOL=15.5V
10
10
µA
µA
ZNBG3113
ZNBG3114
4-125


Similar Part No. - ZNBG3113

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113Q20 ZETEX-ZNBG3113Q20 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results

Similar Description - ZNBG3113

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3115 DIODES-ZNBG3115 Datasheet
614Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com