Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC33832P Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC33832P
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832P Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC33832P Datasheet HTML 1Page - Sanyo Semicon Device LC33832P Datasheet HTML 2Page - Sanyo Semicon Device LC33832P Datasheet HTML 3Page - Sanyo Semicon Device LC33832P Datasheet HTML 4Page - Sanyo Semicon Device LC33832P Datasheet HTML 5Page - Sanyo Semicon Device LC33832P Datasheet HTML 6Page - Sanyo Semicon Device LC33832P Datasheet HTML 7Page - Sanyo Semicon Device LC33832P Datasheet HTML 8Page - Sanyo Semicon Device LC33832P Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LC33832P, S, M, PL, SL, ML-70/80/10
No. 4430-6/9
Continued from preceding page.
Note : 5) To accomplish internal initialization, CE and OE/RFSH are fixed at VIH for an interval of 1 ms when VCC reaches the
specified voltage after power is switched on.
6) Measured at tT = 5 ns.
7) When measuring input signal timing, VIH (min) and VIL (max) are reference levels.
8) Measured using an equivalent of 100 pF and two standard TTL loads.
9) OE/RFSH input functions as output-enable input (OE) when CE = VIL, and as refresh input (RFSH) when CE = VIH.
10) tCHZ, tOHZ, and tWHZ are defined as the time until output enters the open circuit state and the output voltage level
becomes immeasurable.
11) As with ordinary static RAM, write data is incorporated at the rise of WE input or CE input, whichever is earlier, and
write data is therefore held during tDSW, tDSC, tDHW, or tDHC.
12) Because address input is incorporated at the fall of CE, the address is maintained during tASC or tAHC.
13) Auto-refresh and self-refresh are determined by OE/RFSH pulse width when CE = VIH, and are defined as auto-refresh
when below tFAP (max), or as self-refresh when above tFAS (min). In order to activate CE after the completion of each
refresh, tFCE must be assured for auto-refresh, or tFRS must be assured for self-refresh.


Similar Part No. - LC33832P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC338128M SANYO-LC338128M Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128PL SANYO-LC338128PL Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC33864PM-10 SANYO-LC33864PM-10 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
More results

Similar Description - LC33832P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com