Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNI1000 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZNI1000
Description  Temperature sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNI1000 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZNI1000 Datasheet HTML 1Page - Diodes Incorporated ZNI1000 Datasheet HTML 2Page - Diodes Incorporated ZNI1000 Datasheet HTML 3Page - Diodes Incorporated ZNI1000 Datasheet HTML 4Page - Diodes Incorporated ZNI1000 Datasheet HTML 5Page - Diodes Incorporated ZNI1000 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZNI1000
Issue 5 - June 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Characteristics according to DIN43760
Resistance at a given temperature
R(T) = R0 x (1 + A x T + B x T2 + C x T4+ D x T6)
Formula for temperature at a given resistance
coefficients:
A = -412.6
B = 140.41
C = 0.00764
D = -6.25 x 10-17
E = -1.25 x 10-24
Self heating
For accurate temperature measurement it's recommended to choose a small current in order to
avoid self heating of the resistor. The temperature failure caused by the measurement current can
be calculated with:
T = P/EK
where P = I² * R is the heat power caused by the measurement current and EK is the self heating
coefficient.
The self heating coefficient for the Ni1000-SOT is:
EK = (1.7 ± 0.3) mW/K (Air: 23°C; no air flow).
R0
Resistance at 0°C
B
6.650 x 10-6
T
Temperature in °C
C
2.805 x 10-11
A
5.485 x 10-3
D
-2.000 x 10-17
TR
()
AB
1C
R
×
+
×
DR
5
×
ER
7
×
++
+
=


Similar Part No. - ZNI1000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
ZNI1000 ZETEX-ZNI1000 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
ZNI1000TA ZETEX-ZNI1000TA Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
ZNI1000TA ZETEX-ZNI1000TA Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
ZNI1000TC ZETEX-ZNI1000TC Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
More results

Similar Description - ZNI1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com