Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC33832M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC33832M
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC33832M Datasheet HTML 1Page - Sanyo Semicon Device LC33832M Datasheet HTML 2Page - Sanyo Semicon Device LC33832M Datasheet HTML 3Page - Sanyo Semicon Device LC33832M Datasheet HTML 4Page - Sanyo Semicon Device LC33832M Datasheet HTML 5Page - Sanyo Semicon Device LC33832M Datasheet HTML 6Page - Sanyo Semicon Device LC33832M Datasheet HTML 7Page - Sanyo Semicon Device LC33832M Datasheet HTML 8Page - Sanyo Semicon Device LC33832M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LC33832P, S, M, PL, SL, ML-70/80/10
No. 4430-4/9
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Note
Maximum supply voltage
VCC max
–1.0 to +7.0
V
1
Input voltage
VIN
–1.0 to +7.0
V
1
Output voltage
VOUT
–1.0 to +7.0
V
1
Allowable power dissipation
Pd max
600
mW
1
Output short-circuit current
IOUT
50
mA
1
Operating temperature
Topr
0 to +70
°C
1
Storage temperature
Tstg
–55 to +150
°C
1
Note: 1) Stresses greater than the above listed maximum values may result in damage to the device.
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
min
typ
max
Unit
Note
Supply voltage
VCC
4.5
5.0
5.5
V
2
Input high level voltage
VIH
2.4
6.5
V
2
Input low level voltage
VIL
–1.0
+0.8
V
2
Note: 2) All voltages are referenced to GND.
DC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5V±10%
Parameter
Symbol
Conditions
min
max
Unit
Note
Operating current
ICCA
Average current during operation
70ns
65
Access
80ns
60
mA
3,4
time
100ns
50
Standby current 1
ICCS1
CE = OE/RFSH = VIH
1
mA
Standby current 2
ICCS2
CE = OE/RFSH = VCC –0.2V
LC33832P, S, M
1
mA
LC33832PL, SL, ML
100
µA
Self-refresh current
ICCSR
CE = VCC–0.2V, OE/RFSH = 0.2V
LC33832P, S, M
1
mA
LC33832PL, SL, ML
100
µA
Input leakage current
IIL
0V
≤V
IN≤VCC, pins other than test pin = 0V
–10
+10
µA
Output leakage current
IOL
DOUT disable, 0V≤VOUT≤VCC
–10
+10
µA
Output high level voltage
VOH
IOUT = –5mA
2.4
V
Output low level voltage
VOL
IOUT = 4.2mA
0.4
V
Note: 3) All current values are measured at minimal cycle rate. Since current flows immoderately, cycle times may become longer
and shorter than shown here.
4) Dependent on output load. Maximum value is value during free state.
Input/Output Capacitance Characteristics at Ta = 25°C, f = 1MHz, VCC = 5V±10%
Parameter
Symbol
min
max
Unit
Test conditions
Input capacitance (A0 to A14)
CIN1
5
pF
VIN1 = 0 V
Input capacitance (CE, OE/RFSH, WE) CIN2
7
pF
VIN2 = 0 V
Input/output capacitance
CI/O
10
pF
VI/O = 0 V
Sampling inspections, and not full-lot inspections, are carried out for these parameters.


Similar Part No. - LC33832M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC338128M SANYO-LC338128M Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128PL SANYO-LC338128PL Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC33864PM-10 SANYO-LC33864PM-10 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
More results

Similar Description - LC33832M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com