Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82550250 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82550250
Description  0805 SMD VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82550250 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82550250 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82550250 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82550250 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82550250 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82550250 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Artikelnummer / part number :
82550250
Datum / Date :
31.07.06
Bezeichnung :
description :
0805 SMD VARISTOR
Lead Free
SMD size:
0805
A Mechanische Abmessungen / dimensions :
SIZE
(Unit : mm)
B Elektrische Eigenschaften / electrical properties :
TECHNICAL DATA
Clamping
Peak
Breakdown
Voltage
Current
Voltage
AC
DC
V (*2)
A (*3)
J (*4)
V (*1)
pF (*4)
82550250
25
30
65
100
0.3
39 ( 35.1~42.9 )
310
* 1 The varistor voltage was measured at 1 mA current , tolerance at 12~18V(+-15%),exceed 22V (+-10%)
Or tolerance to specify at :
-
* 2 The Clamping voltage tolerance at 12~18V(+-15%),exceed 22V (+-10%).
Clamping voltage measured at standard current (A) :
1.0 A
* 3 The Peak Current was tested at 8/20 us waveform
* 4. The capacitance value and Energy only for customer reference, it’s not formal specification
Capacitance value measured at standard frequency :
1 kHz
SURGE LEVEL IEC61000-4-5
Severity Level
(kV)
1
0,5
2
1
3
2
4
4
X
Special
Wave during
T1
T2
8/20 s
10 s
1000 s
10/700 s CCITT
10 s
700 s
10/1000 s
10 s
1000 s
REFERENCE DATA
Response time
Trise
<
1
ns
Leakage current at Vv × 80%
I v v
<
50
uA
Leakage current at Vv × 80% (After reliability Test)
I v v A
<
200
uA
Operating ambient temperature
-40~+85
Storage temperature
-50~+125
Max. temperature solder
260
OTHER DATA
Body
ZnO
End termination
Ag/Sn/Ni
Packaging
Reel
Complies with Standard
IEC61000-4-5
Procedure
Solgel
Marking
None
Kunde / customer :
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
ROHS Compliant
Working
Voltage
Part Number
Capacitance
0805
http://www.we-online.com
Spezifikation für Freigabe / specification for release
Energy
SIZE
W
L
T
a
0402
0.5
1.0
0.6
0.25
0603
0.8
1.6
0.9
0.3
0805
1.25
2.0
1.2
0.3
1206
1.6
3.2
1.5
0.5
1210
2.5
3.2
1.5
0.5
1812
3.2
4.5
2.0
0.5
2220
5.0
5.7
2.5
0.5
PAGE/SEITE 1 - TO/VON 5


Similar Part No. - 82550250

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82550200 WURTH-82550200 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
More results

Similar Description - 82550250

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82550300 WURTH-82550300 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550200 WURTH-82550200 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550040 WURTH-82550040 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550060 WURTH-82550060 Datasheet
164Kb / 5P
   0805 SMD VARISTOR
82550110 WURTH-82550110 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550140 WURTH-82550140 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550080 WURTH-82550080 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
82550350 WURTH-82550350 Datasheet
165Kb / 5P
   0805 SMD VARISTOR
logo
Vishay Siliconix
MLV0805E3 VISHAY-MLV0805E3 Datasheet
81Kb / 3P
   SMD 0805 Multilayer Varistor
Revision: 22-Apr-15
MLV0805E3 VISHAY-MLV0805E3_V01 Datasheet
65Kb / 3P
   SMD 0805 Multilayer Varistor
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com