Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC33832PL Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC33832PL
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832PL Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC33832PL Datasheet HTML 1Page - Sanyo Semicon Device LC33832PL Datasheet HTML 2Page - Sanyo Semicon Device LC33832PL Datasheet HTML 3Page - Sanyo Semicon Device LC33832PL Datasheet HTML 4Page - Sanyo Semicon Device LC33832PL Datasheet HTML 5Page - Sanyo Semicon Device LC33832PL Datasheet HTML 6Page - Sanyo Semicon Device LC33832PL Datasheet HTML 7Page - Sanyo Semicon Device LC33832PL Datasheet HTML 8Page - Sanyo Semicon Device LC33832PL Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LC33832P, S, M, PL, SL, ML-70/80/10
No. 4430-3/9
Pin Assignment
Pin Functions
A0 to A14
Address input
WE
Read/Write input
OE/RFSH
Output-enable input/ refresh input
CE
Chip-enable input
I/O1 to I/O8
Data input/output
VCC
Power supply
GND
Ground
Functional Logic
CE
OE
WE
A0 to A7
A8 to
I/O1
State
/RFSH
A14
to I/O8
H
H
X
X
X
HZ
Standby
L
L
H
VX
VX
OUT
Read
L
H
L
VX
VX
IN
Write
L
H
H
VX
X
HZ
CE-only refresh
H
L
X
X
X
HZ
Self-refresh
H
NP
X
X
X
HZ
Auto-refresh
H ...................High-level input of VIN = 6.5 V to VIH (min)
L ....................Low-level input of VIN = VIL (max) to –1.0 V
X....................High- or low-level input
NP.................Negative-polarity pulse input
VX.................“IN” when CE = L is confirmed, then “X”
HZ.................High impedance
IN ..................Input state
OUT..............Output state


Similar Part No. - LC33832PL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC338128M SANYO-LC338128M Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128PL SANYO-LC338128PL Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC33864PM-10 SANYO-LC33864PM-10 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
More results

Similar Description - LC33832PL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com