Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC33832SL Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC33832SL
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832SL Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC33832SL Datasheet HTML 1Page - Sanyo Semicon Device LC33832SL Datasheet HTML 2Page - Sanyo Semicon Device LC33832SL Datasheet HTML 3Page - Sanyo Semicon Device LC33832SL Datasheet HTML 4Page - Sanyo Semicon Device LC33832SL Datasheet HTML 5Page - Sanyo Semicon Device LC33832SL Datasheet HTML 6Page - Sanyo Semicon Device LC33832SL Datasheet HTML 7Page - Sanyo Semicon Device LC33832SL Datasheet HTML 8Page - Sanyo Semicon Device LC33832SL Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering number : EN4430C
22897HA (OT)/52595TH (OT)/N1993JN/40893JN A8-9957, 58, 59, No. 4430-1/9
Overview
The LC33832 series is composed of pseudo static RAM
that operates on a single 5 V power supply and is
organized as 32768 words
× 8 bits. By using memory
cells each composed of a single transistor and capacitor,
together with peripheral CMOS circuitry, this series
achieves ease of use with high density, high speed, and
low power dissipation. The LC33832 series can easily
accomplish auto-refresh and self-refresh by means of
OE/RFSH input. As with asynchronous static RAM, WE
input uses a system for incorporating input data at the WE
rise, thereby facilitating interfacing with a microcomputer.
The LC33832 series features pin compatibility with 256 K
static RAM (the LC36256A series), and available
packages are the standard 28-pin DIP with widths of 600
mil or 300 mil, and the SOP with a width of 450 mil.
CE-only refresh can be accomplished by selecting address
256 (A0 to A7) within 4 ms.
Features
• 32768 words
× 8 bits configuration
• Single 5 V ±10% power supply
• All input and output (I/O) TTL compatible
• Fast access times and low power dissipation
• 4 ms refresh using 256 refresh cycle
• CE-only refresh, auto-refresh, and self-refresh
• Low-power version: 100 µA self-refresh current
• Package
DIP28-pin (600 mil) plastic package: LC33832P, PL
DIP28-pin (300 mil) plastic package: LC33832S, SL
SOP28-pin (450 mil) plastic package: LC33832M, ML
Package Dimensions
unit: mm
3012A-DIP28
unit: mm
3133-DIP28
SANYO: DIP28
[LC33832P, PL]
SANYO: DIP28
[LC33832S, SL]
LC33832P, S, M, PL, SL, ML-70/80/10
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
256 K (32768 words
× 8 bits) Pseudo-SRAM
CMOS LSI
Parameter
LC33832P, S, M, PL, SL, ML
-70
-80
-10
CE access time
70 ns
80 ns
100 ns
OE access time
30 ns
35 ns
40 ns
Cycle time
115 ns
130 ns
160 ns
Current drain
Operating
65 mA
60 mA
50 mA
Standby
1 mA/100 µA (L version)
• CE access time/OE access time/Cycle time/Current drain


Similar Part No. - LC33832SL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC338128M SANYO-LC338128M Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128PL SANYO-LC338128PL Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC33864PM-10 SANYO-LC33864PM-10 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
More results

Similar Description - LC33832SL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com